Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE100 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STE100
Description  PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STE100 Datasheet HTML 30Page - STMicroelectronics STE100 Datasheet HTML 31Page - STMicroelectronics STE100 Datasheet HTML 32Page - STMicroelectronics STE100 Datasheet HTML 33Page - STMicroelectronics STE100 Datasheet HTML 34Page - STMicroelectronics STE100 Datasheet HTML 35Page - STMicroelectronics STE100 Datasheet HTML 36Page - STMicroelectronics STE100 Datasheet HTML 37Page - STMicroelectronics STE100 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 66 page
background image
STE10/100
34/66
14
LPACK
Received Link Partner Acknowledge.
0: link code word not yet received.
1: link partner successfully received STE10/100’s link code
word.
0RO
13
LPRF
Link Partner’s Remote fault status.
0: no remote fault detected.
1: remote fault detected.
0RO
12,11
---
reserved
0
RO
10
LPFC
Link Partner’s Flow control ability.
0: link partner without PAUSE function ability.
1, link partner with PAUSE function ability for full duplex link.
0RO
9
LPT4
Link Partner’s 100BASE-T4 ability.
0: link partner without 100BASE-T4 ability.
1: link partner with 100BASE-T4 ability.
0RO
8
LPTXF
Link Partner’s 100BASE-TX Full duplex ability.
0: link partner without 100BASE-TX full duplex ability.
1: link partner with 100BASE-TX full duplex ability.
0RO
7
LPTXH
Link Partner’s 100BASE-TX Half duplex ability.
0: link partner without 100BASE-TX.
1: link partner with 100BASE-TX ability.
0RO
6
LP10F
Link Partner’s 10BASE-T Full Duplex ability.
0: link partner without 10BASE-T full duplex ability.
1: link partner with 10BASE-T full duplex ability.
0RO
5
LP10H
Link Partner’s 10BASE-T Half Duplex ability.
0: link partner without 10BASE-T ability.
1: link partner with 10BASE-T ability.
0RO
4~0
LPSF
Link partner select field. Default 00001=IEEE 802.3.
00001
RO
XR6(offset = cch) - ANE, Auto-Negotiation expansion
15~5
---
reserved
0
RO
4
PDF
Parallel detection fault.
0: no fault detected.
1: a fault detected via parallel detection function.
0
RO/LH*
3
LPNP
Link Partner’s Next Page ability.
0: link partner without next page ability.
1: link partner with next page ability.
0RO
2
NP
STE10/100’s next Page ability.
Always 0; STE10/100 does not support next page ability.
0RO
1
PR
Page Received.
0: no new page has been received.
1: a new page has been received.
0
RO/LH*
0
LPAN
Link Partner Auto-Negotiation ability.
0: link partner has no Auto-Negotiation ability.
1: link partner has Auto-Negotiation ability.
0RO
LH = High Latching and cleared by reading.
Table 8. Transceiver registers Descriptions
Bit #
Name
Descriptions
Default Val
RW Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com