Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE100 Datasheet(PDF) 60 Page - STMicroelectronics

Part # STE100
Description  PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STE100 Datasheet HTML 56Page - STMicroelectronics STE100 Datasheet HTML 57Page - STMicroelectronics STE100 Datasheet HTML 58Page - STMicroelectronics STE100 Datasheet HTML 59Page - STMicroelectronics STE100 Datasheet HTML 60Page - STMicroelectronics STE100 Datasheet HTML 61Page - STMicroelectronics STE100 Datasheet HTML 62Page - STMicroelectronics STE100 Datasheet HTML 63Page - STMicroelectronics STE100 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 66 page
background image
STE10/100
60/66
8.1 Timing Specifications
Table 19. PCI Clock Specifications
Figure 16. PCI Clock Waveform
Table 20. X1 Specifications
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
Tc
Clock Cycle Time
30
50
ns
Th
Clock High Time
11
--
ns
Tl
Clock Low Time
11
--
ns
Clock Slew Rate
1
4
V/ns
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
TX1d
X1 Duty Cycle
45
50
55
%
TX1p
X1 Period
30
ns
TX1t
X1 Tolerance
PPM
Table 21. PCI Timing
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
Tval
Clock to Signal Valid Delay
(bussed signals)
211
ns
Tval(ptp)
Clock to Signal Valid Delay
(point to point)
211
ns
Ton
Float to Active Delay
2
ns
Toff
Active to Float Delay
28
ns
1.5V
2.4V
0.4V
Th
Tc
2.0V
Tl
0.8V
2V pick to pick



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com