Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE100 Datasheet(PDF) 59 Page - STMicroelectronics

Part # STE100
Description  PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STE100 Datasheet HTML 55Page - STMicroelectronics STE100 Datasheet HTML 56Page - STMicroelectronics STE100 Datasheet HTML 57Page - STMicroelectronics STE100 Datasheet HTML 58Page - STMicroelectronics STE100 Datasheet HTML 59Page - STMicroelectronics STE100 Datasheet HTML 60Page - STMicroelectronics STE100 Datasheet HTML 61Page - STMicroelectronics STE100 Datasheet HTML 62Page - STMicroelectronics STE100 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 66 page
background image
59/66
STE10/100
10BASE-T Voltage/Current Characteristics
Rid10
Input Differential Resistance
DC
TBD
k
Ω
Vida10
Input Differential Accept Peak
Voltage
5MHz ~ 10MHz
585
3100
mV
Vidr10
Input Differential Reject Peak
Voltage
5MHz ~ 10MHz
0
585
mV
Vicm10
Input Common Mode Voltage
TBD
V
Vod10
Output Differential Peak Voltage
2200
2800
V
Icct10
Line Driver Supply
TBD
mA
100BASE-TX Voltage/Current Characteristics
Rid100
Input Differential Resistance
TBD
k
Ω
Vida100
Input Differential Accept Peak
Voltage
200
1000
mV
Vidr100
Input Differential Reject Peak
Voltage
0200
mV
Vicm100 Input Common Mode Voltage
TBD
V
Vod100
Output Differential Peak Voltage
950
1050
V
Icct100
Line Driver Supply
TBD
mA
Table 18. AC Specifications
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
PCI Signaling AC Specifications
Ioh(AC)
Switching Current High
Vout=.7Vcc
-32Vcc
mA
Iol(AC)
Switching Current Low
Vout=.18Vcc
38Vcc
mA
Icl
Low Clamp Current
-3<Vin<-1
-
25+(Vi
n+1)/
.015
mA
Tr
Unloaded Output Rise Time
1
4
V/ns
Tf
Unloaded Output Fall Time
1
4
V/ns
Table 17. General DC Specifications
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com