Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE100 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STE100
Description  PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STE100 Datasheet HTML 25Page - STMicroelectronics STE100 Datasheet HTML 26Page - STMicroelectronics STE100 Datasheet HTML 27Page - STMicroelectronics STE100 Datasheet HTML 28Page - STMicroelectronics STE100 Datasheet HTML 29Page - STMicroelectronics STE100 Datasheet HTML 30Page - STMicroelectronics STE100 Datasheet HTML 31Page - STMicroelectronics STE100 Datasheet HTML 32Page - STMicroelectronics STE100 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 66 page
background image
29/66
STE10/100
8
PME_En
PME_En. When set, enables the STE10/100 to assert PME#.
When cleared, disables the PME# assertion.
0RO
7~2
---
reserved.
000000b
RO
1,0
PWRS
PowerState, This two-bit field is used both to determine the
current power state of the STE10/100 and to set the STE10/
100 into a new power state. The definition of this field is given
below.
00b - D0
01b - D1
10b - D2
11b - D3hot
If software attempts to write an unsupported state to this field,
the write operation will complete normally on the bus, but the
data is discarded and no state change occurs.
00b
RO
CSR23(offset = 9ch) - TXBR, transmit burst count / time-out
31~21
---
reserved
20~16
TBCNT
Transmit Burst Count
Specifies the number of consecutive successful transmit burst
writes to complete before the transmit completed interrupt will
be generated.
0
R/W
11~0
TTO
Transmit Time-Out = (deferred time + back-off time).
When TDIE (ACSR7 bit 28) is set, the timer is decreased in
increments of 2.56us (@100M) or 25.6us (@10M). If the timer
expires before another packet transmit begins, then the TDIE
interrupt will be generated.
0
R/W
CSR24(offset = a0h) - FROM, Flash ROM(also the boot ROM) port
31
bra16_on
This bit is only valid when 4 LEDmode_on (CSR18 bit 23) is
set. In this case, when bra16_on is set, pin 87 functions as
brA16; otherwise it functions as LED pin – fd/col.
1
R/W
30~28
---
reserved
27
REN
Read Enable. Clear if read data is ready in DATA, bit7-0 of
FROM.
0
R/W
26
WEN
Write Enable. Cleared if write completed.
0
R/W
25
---
reserved
24~8
ADDR
Flash ROM address
0
R/W
7~0
DATA
Read/Write data of flash ROM
0
R/W
CSR25(offset = a4h) - PAR0, physical address register 0, automatically recalled from EEPROM
31~24
PAB3
physical address byte 3
From
EEPROM
R/W
23~16
PAB2
physical address byte 2
From
EEPROM
R/W
15~8
PAB1
physical address byte 1
From
EEPROM
R/W
Table 6. Control/Status register description
Bit #
Name
Descriptions
Default Val
RW Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com