Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE100 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STE100
Description  PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STE100 Datasheet HTML 34Page - STMicroelectronics STE100 Datasheet HTML 35Page - STMicroelectronics STE100 Datasheet HTML 36Page - STMicroelectronics STE100 Datasheet HTML 37Page - STMicroelectronics STE100 Datasheet HTML 38Page - STMicroelectronics STE100 Datasheet HTML 39Page - STMicroelectronics STE100 Datasheet HTML 40Page - STMicroelectronics STE100 Datasheet HTML 41Page - STMicroelectronics STE100 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 66 page
background image
STE10/100
38/66
Table 10. Receive Descriptor Descriptions
Bit#
Name
Descriptions
RDES0
31
OWN
Own bit
1: indicates that newly received data can be put into this descriptor
0: Host has not yet processed the received data currently in this descriptor.
30-16
FL
Frame length, including CRC. This field is valid only in a frame’s last descriptor.
15
ES
Error summary. Logical OR of the following bits:
0: overflow
1: CRC error
6: late collision
7: frame too long
11: runt packet
14: descriptor error
This field is valid only in a frame’s last descriptor.
14
DE
Descriptor error. This bit is valid only in a frame’s last descriptor.
1: the current valid descriptor is unable to contain the packet being currently received. The
packet is truncated.
13-12
DT
Data type.
00: normal
01: MAC loop-back
10: Transceiver loop-back
11: remote loop-back
These bits are valid only in a frame’s last descriptor.
11
RF
Runt frame (packet length < 64 bytes). This bit is valid only in a frame’s last descriptor.
10
MF
Multicast frame. This bit is valid only in a frame’s last descriptor.
9
FS
First descriptor.
8
LS
Last descriptor.
7
TL
Packet Too Long (packet length > 1518 bytes). This bit is valid only in a frame’s last descriptor.
6
CS
Late collision. Set when collision is active after 64 bytes. This bit is valid only in a frame’s last
descriptor
5
FT
Frame type. This bit is valid only in a frame’s last descriptor.
0: 802.3 type
1: Ethernet type
4
RW
Receive watchdog (refer to CSR15, bit 4). This bit is valid only in a frame’s last descriptor.
3
reserved
Default = 0
2
DB
Dribble bit. This bit is valid only in a frame’s last descriptor
1: Packet length is not integer multiple of 8-bit.
1
CE
1: CRC error. This bit is valid only in a frame’s last descriptor
0
OF
1: Overflow. This bit is valid only in a frame’s last descriptor
RDES1
31~26
---
reserved
25
RER
Receive end of ring. Indicates this descriptor is last, return to base address of descriptor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com