Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE100 Datasheet(PDF) 61 Page - STMicroelectronics

Part # STE100
Description  PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STE100 Datasheet HTML 57Page - STMicroelectronics STE100 Datasheet HTML 58Page - STMicroelectronics STE100 Datasheet HTML 59Page - STMicroelectronics STE100 Datasheet HTML 60Page - STMicroelectronics STE100 Datasheet HTML 61Page - STMicroelectronics STE100 Datasheet HTML 62Page - STMicroelectronics STE100 Datasheet HTML 63Page - STMicroelectronics STE100 Datasheet HTML 64Page - STMicroelectronics STE100 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 66 page
background image
61/66
STE10/100
Figure 17. PCI Timings
Tsu
Input Set up Time to Clock
(bussed signals)
7ns
Tsu(ptp)
Input Set up Time to Clock
(point to point)
10,12
ns
Th
Input Hold Time from Clock
0
ns
Th
Input Hold Time from Clock
0
ns
Trst
Reset Active Time after Power
Stable
1ms
Trst-clk
Reset Active Time after CLK
Stable
100
µs
Trst-off
Reset Active to Output Float
delay
40
ns
Table 21. PCI Timing
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
CLK
2.4V
0.4V
Tval
OUTPUT Delay
Ton
1.5V
1.5V
Tri-state OUTPUT
INPUT 1.5V
1.5V
Toff
Tsu
Th



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com