Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800XL Datasheet(PDF) 52 Page - STMicroelectronics

Part # ADE3800XL
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800XL Datasheet(HTML) 52 Page - STMicroelectronics

Back Button ADE3800XL Datasheet HTML 48Page - STMicroelectronics ADE3800XL Datasheet HTML 49Page - STMicroelectronics ADE3800XL Datasheet HTML 50Page - STMicroelectronics ADE3800XL Datasheet HTML 51Page - STMicroelectronics ADE3800XL Datasheet HTML 52Page - STMicroelectronics ADE3800XL Datasheet HTML 53Page - STMicroelectronics ADE3800XL Datasheet HTML 54Page - STMicroelectronics ADE3800XL Datasheet HTML 55Page - STMicroelectronics ADE3800XL Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 138 page
background image
Register Description by Block
ADE3800
52/138
DMEAS_MODE_CTRL
0901
R/W
[7]
00
DE reset
0*: do not reset the de_mismatch_flag
1: reset the de_mismatch_flag
R/W
[6]
DE freeze
0*: update I2C registers after every measurement in free
run mode
1: freeze DE size results in I2C registers and do not
update while this bit is active
R/W
[5]
DE one shot
0*: free run mode.
1: one shot mode.
Applies only to DE_Size measurement. All other
measurements are always in One_shot mode.
R/W
[3]
h_v_pos_sel / pcd_sel
- if algorithm = 01 (pcd_sel)
0*: pixel < threshold
1: pixel >= threshold
- if algorithm = 10 (h_v_pos_sel)
0*: pixel > threshold (normal)
1: abs (pixel - previous pixel) > threshold
R/W
[2]
DMEAS all clear
All internal result registers are cleared when this bit is
set. This bit is self clearing.
R
[1]
DMEAS polling bit.
Toggles at the end of each measurement in free-run
mode. Undefined in one-shot mode.
R/W
[0]
DMEAS start
Data measurement start. This bit is auto-cleared by HW
when the measurement is completed.
DMEAS_THRESHOLD
0902
R/W
[7:0]
00
Threshold value to use for selected algorithm.
DMEAS_WIN_MIN_X_L
DMEAS_WIN_MIN_X_U
0903
0904
R/W
R/W
[7:0]
[3:0]
00
00
Minimum X for window control to use with all algorithms.
DMEAS_WIN_MAX_X_L
DMEAS_WIN_MAX_X_U
0905
0906
R/W
R/W
[7:0]
[3:0]
FF
00
Maximum X for window control to use with all algorithms.
DMEAS_WIN_MIN_Y_L
DMEAS_WIN_MIN_Y_U
0907
0908
R/W
R/W
[7:0]
[3:0]
00
00
Minimum Y for window control to use with all algorithms.
DMEAS_WIN_MAX_Y_L
DMEAS_WIN_MAX_Y_U
0909
090A
R/W
R/W
[7:0]
[3:0]
FF
00
Maximum Y for window control to use with all algorithms.
DMEAS_DE_REF_L
DMEAS_DE_REF_H
090B
090C
R
R
[7:0]
[7:0]
00
00
DE size expected result
DMEAS_DE_TOL
090D
R
[7:0]
00
DE tolerance value
Table 21: DMEAS Registers (Sheet 2 of 3)
Register Name
Addr
Mode
Bits
Rst
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com