Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800XL Datasheet(PDF) 13 Page - STMicroelectronics

Part # ADE3800XL
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800XL Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ADE3800XL Datasheet HTML 9Page - STMicroelectronics ADE3800XL Datasheet HTML 10Page - STMicroelectronics ADE3800XL Datasheet HTML 11Page - STMicroelectronics ADE3800XL Datasheet HTML 12Page - STMicroelectronics ADE3800XL Datasheet HTML 13Page - STMicroelectronics ADE3800XL Datasheet HTML 14Page - STMicroelectronics ADE3800XL Datasheet HTML 15Page - STMicroelectronics ADE3800XL Datasheet HTML 16Page - STMicroelectronics ADE3800XL Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 138 page
background image
13/138
ADE3800
Pin Descriptions
38
48
ING+
I
Positive ADC Green Channel Input
39
49
ING-
I
Negative ADC Green Channel Input
33
43
INB+
I
Positive ADC Blue Channel Input
34
44
INB-
I
Negative ADC Blue Channel Input
29
38
VSYNC
I
Vertical Sync Input Signal
30
39
HSYNC
I
Horizontal Sync or Composite Sync Input Signal
Table 4: Output Signals and TCON Signals (Sheet 1 of 2)
LQFP100 LQFP128
Name
Input/
Output
Description
25
RSDS0-
O
RSDS Channel 0 Data -
26
RSDS0+
O
RSDS Channel 0 Data +
23
RSDS1-
O
RSDS Channel 1 Data -
24
RSDS1+
O
RSDS Channel 1 Data +
21
RSDS2-
O
RSDS Channel 2 Data -
22
RSDS2+
O
RSDS Channel 2 Data +
16
19
RSDS3-
O
RSDS Channel 3 Data -
17
20
RSDS3+
O
RSDS Channel 3 Data +
14
RSDS4-
O
RSDS Channel 4 Data -
15
RSDS4+
O
RSDS Channel 4 Data +
11
12
RSDS5-
O
RSDS Channel 5 Data -
12
13
RSDS5+
O
RSDS Channel 5 Data +
10
RSDS6-
O
RSDS Channel 6 Data -
11
RSDS6+
O
RSDS Channel 6 Data +
9
8
RSDS7-
O
RSDS Channel 7 Data -
10
9
RSDS7+
O
RSDS Channel 7 Data +
81
RSDS8-
O
RSDS Channel 8 Data -
82
RSDS8+
O
RSDS Channel 8 Data +
83
RSDS9-
O
RSDS Channel 9 Data -
84
RSDS9+
O
RSDS Channel 9 Data +
85
RSDS10-
O
RSDS Channel 10 Data -
86
RSDS10+
O
RSDS Channel 10 Data +
87
RSDS11-
O
RSDS Channel 11 Data -
88
RSDS11+
O
RSDS Channel 11 Data +
92
RSDS12-
O
RSDS Front Side CLK-
93
RSDS12+
O
RSDS Front Side CLK+
97
RSDS13-
O
RSDS Channel 13 Data-
98
RSDS13+
O
RSDS Channel 13 Data+
Table 3: Analog Input Signals (Sheet 2 of 2)
LQFP100 LQFP128
Name
Input/
Output
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com