Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800XL Datasheet(PDF) 28 Page - STMicroelectronics

Part # ADE3800XL
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800XL Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ADE3800XL Datasheet HTML 24Page - STMicroelectronics ADE3800XL Datasheet HTML 25Page - STMicroelectronics ADE3800XL Datasheet HTML 26Page - STMicroelectronics ADE3800XL Datasheet HTML 27Page - STMicroelectronics ADE3800XL Datasheet HTML 28Page - STMicroelectronics ADE3800XL Datasheet HTML 29Page - STMicroelectronics ADE3800XL Datasheet HTML 30Page - STMicroelectronics ADE3800XL Datasheet HTML 31Page - STMicroelectronics ADE3800XL Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 138 page
background image
Register Description by Block
ADE3800
28/138
ANA_ADC_BIAS
0053
R/W
[5]
01
ADC Band gap power control
0*: on
1: off
[4:3]
IREF adjustment for internal bias,
when ADCBIAS[2:1]=01 (or 11)
00*: 600uA
01: 750uA
10: 300uA
11: 450uA
[2:1]
Must be set to 01
[0]
ADC power control
0: on
1*: off
ANA_ADC_RED_0
0054
R/W
[7:0]
7F
GAIN CONTROL
2.74mV/step
00: 0.35V
FF: 1.05V
ANA_ADC_RED_1
0055
R/W
[7]
0F
VREF
0*: internal
1: external
[5:0]
OFFSET CONTROL: 2.9mV/step
ANA_ADC_RED_2
0056
R/W
[6:4]
00
Channel Skew control
LSB = 200ps(typ)
[3:2]
Amp bandwidth adjust
00*: BW=250MHz (min)
01: BW=150MHz (min)
10: reserved
11: BW=40MHz (min)
[1]
Clamp Control
0*: enabled
1: disabled
[0]
ADC Dithering (ADTH block)
0*: disabled
1: enabled
ANA_ADC_GRN_0
0057
See ANA_ADC_RED_0.
ANA_ADC_GRN_1
0058
See ANA_ADC_RED_1.
ANA_ADC_GRN_2
0059
See ANA_ADC_RED_2.
ANA_ADC_BLU_0
005A
See ANA_ADC_RED_0.
ANA_ADC_BLU_1
005B
See ANA_ADC_RED_1.
ANA_ADC_BLU_2
005C
See ANA_ADC_RED_2.
a. Normal value for ANA_FS216_CTRL is 0Ah.
b. When xclk = 27MHz
Table 13: ADC Registers (Sheet 2 of 2)
Register Name
Addr
Mode
Bits
Rst
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com