Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800XL Datasheet(PDF) 63 Page - STMicroelectronics

Part # ADE3800XL
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800XL Datasheet(HTML) 63 Page - STMicroelectronics

Back Button ADE3800XL Datasheet HTML 59Page - STMicroelectronics ADE3800XL Datasheet HTML 60Page - STMicroelectronics ADE3800XL Datasheet HTML 61Page - STMicroelectronics ADE3800XL Datasheet HTML 62Page - STMicroelectronics ADE3800XL Datasheet HTML 63Page - STMicroelectronics ADE3800XL Datasheet HTML 64Page - STMicroelectronics ADE3800XL Datasheet HTML 65Page - STMicroelectronics ADE3800XL Datasheet HTML 66Page - STMicroelectronics ADE3800XL Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 138 page
background image
63/138
ADE3800
Register Description by Block
● If it makes the complete 8x8 grid smaller than the total display area, the 8x8 pattern repeats
itself across the entire display area, both vertically and horizontally
4.11.3.1 Cell Reset
When PGEN_P0_MODE[1] bit is set, the bar counters will be reset to bar 0, and gradients color
counters will be reset to the default color value C0, each time a new grid cell is reached.
This is to be combined with bar offset settings (refer to Section 4.11.2.2: Bar Width, Height and
Offset Control and the example provided hereafter). For example, this will affect all patterns with
non-zero values for PGEN_P0_GRADSTEP_X and/or PGEN_P0_GRADSTEP_Y.
4.11.3.2 Color C0 Replacement
When PGEN_P0_MODE[0] bit is set, the input video signal takes the place of color C0. In that case,
non-zero gradients will apply the increment value to each R G B color of the input signal, not C0.
Note:
If the displayed picture has noticiable jitter, the input R G B values are not stable and may generate
heavy noise on screen when the gradient applied to R G B values rolls over from FF to 00.
4.11.4 Borders
The border generator adds a single pixel wide borderline to the panel area. There are 4 edges: top,
bottom, left and right. Each edge can be enabled independently, and programmed to one of 8 basic
colors using a 3-bit RGB mask:
Figure 10: 8x8 Grip Mapping Example
Table 24: Borders Colors
Colour
Red
Green
Blue
Value
Black
0
0
0
0
Blue
0
0
1
1
Green
0
1
0
2
Cyan
0
1
1
3
Red
1
0
0
4
Magenta
1
0
1
5
Yellow
1
1
0
6
Grid
0
01234567
Grid
0
01234567
this last part of Grid 0
Grid
1
01234567
Grid
1
01234567
01234567
Grid
0
01234567
Grid
1
grid’s width
and height
the display area:
grids repeat both
DISPLAY
AREA
One Grid
with 8 Cells
1 Cell
horizontally and
this bottom part of Grid 1
(all cells) is not displayed
(cells 1 to 7)
is not displayed
are smaller than
vertically



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com