Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800XL Datasheet(PDF) 45 Page - STMicroelectronics

Part # ADE3800XL
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800XL Datasheet(HTML) 45 Page - STMicroelectronics

Back Button ADE3800XL Datasheet HTML 41Page - STMicroelectronics ADE3800XL Datasheet HTML 42Page - STMicroelectronics ADE3800XL Datasheet HTML 43Page - STMicroelectronics ADE3800XL Datasheet HTML 44Page - STMicroelectronics ADE3800XL Datasheet HTML 45Page - STMicroelectronics ADE3800XL Datasheet HTML 46Page - STMicroelectronics ADE3800XL Datasheet HTML 47Page - STMicroelectronics ADE3800XL Datasheet HTML 48Page - STMicroelectronics ADE3800XL Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 138 page
background image
45/138
ADE3800
Register Description by Block
SMUX_CTRL_1
0201
R/W
[7]
00
shadow event edge select
0*: falling
1: rising
R/W
[6:4]
register shadow event
0*: no event (upper byte write)
1: in_venab
2: in_enab
3: vtrigger
4: vtrigger count
≠ 0
5-7: reserved
R/W
[3:0]
output select
Must be set to 0
SMUX_CLAMP_POS_L
SMUX_CLAMP_POS_U
0202
0203
R/W
R/W
[7:0]
[3:0]
00
00
clamp pulse position relative to HSync
reference edge
SMUX_CLAMP_WIDTH_L
SMUX_CLAMP_WIDTH_U
0204
0205
R/W
R/W
[7:0]
[3:0]
00
00
clamp width in inclks
SMUX_HPOS_L
SMUX_HPOS_U
0206
0207
R/W
R/W
[7:0]
[3:0]
00
00
horizontal data position relative to HSync
reference edge
SMUX_HPIX_L
SMUX_HPIX_U
0208
0209
R/W
R/W
[7:0]
[3:0]
00
00
horizontal data width
SMUX_VPOS_L
SMUX_VPOS_U
020A
020B
R/W
R/W
[7:0]
[3:0]
00
00
vertical trigger position in lines relative to
vsync reference edge. Should be used for
changing position to minimize screen
glitches.
SMUX_VPIX_L
SMUX_VPIX_U
020C
020D
R/W
R/W
[7:0]
[3:0]
00
00
vertical data height
SMUX_VTRIG_L
SMUX_VTRIG_U
020E
020F
R/W
R/W
[7:0]
[3:0]
00
00
delay in lines from smux_vpos to the first line
of a new frame
SMUX_CLAMP_POS_HW_L
SMUX_CLAMP_POS_HW_U
0210
0211
R
R
[7:0]
[3:0]
00
00
shadow readback
SMUX_CLAMP_WIDTH_HW_L
SMUX_CLAMP_WIDTH_HW_U
0212
0213
R
R
[7:0]
[3:0]
00
00
shadow readback
SMUX_HPOS_HW_L
SMUX_HPOS_HW_U
0214
0215
R
R
[7:0]
[3:0]
00
00
shadow readback
SMUX_HPIX_HW_L
SMUX_HPIX_HW_U
0216
0217
R
R
[7:0]
[3:0]
00
00
shadow readback
Table 18: Sync Multiplexer Registers (Sheet 2 of 3)
Register Name
Addr
Mode
Bits
Rst
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com