Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800XL Datasheet(PDF) 43 Page - STMicroelectronics

Part # ADE3800XL
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800XL Datasheet(HTML) 43 Page - STMicroelectronics

Back Button ADE3800XL Datasheet HTML 39Page - STMicroelectronics ADE3800XL Datasheet HTML 40Page - STMicroelectronics ADE3800XL Datasheet HTML 41Page - STMicroelectronics ADE3800XL Datasheet HTML 42Page - STMicroelectronics ADE3800XL Datasheet HTML 43Page - STMicroelectronics ADE3800XL Datasheet HTML 44Page - STMicroelectronics ADE3800XL Datasheet HTML 45Page - STMicroelectronics ADE3800XL Datasheet HTML 46Page - STMicroelectronics ADE3800XL Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 138 page
background image
43/138
ADE3800
Register Description by Block
4.8
Sync Multiplexer (SMUX)
The SMUX block provides the ability to:
● Clamp (ADC Black level capture) pulse generation.
● Generate Data Enable from incoming HSync/Vsync signals.
● Select which sync source is used as internal reference.
Vertical enable (venab) and clamp are always generated.
SMEAS_STATUS_RANGE
0152
R
[7]
00
The meas_sticky_status bit is an OR of the STATUS_MASK
bits ANDed with their corresponding non-sticky range status
flags. This bit is sticky and can only be cleared by a write to
SMEAS_CLEAR[1]. The sticky bit goes to the scaler as a
signal to blank the output screen.
R
[6]
Indicates that the hpol measurement does not currently equal
the reference value. Not sticky.
R
[5]
Indicates that the vpol measurement does not currently equal
the reference value. Not sticky.
R
[4]
Indicates that the fastmute measurement is currently
exceeding the ref+tol. Not sticky.
R
[3]
Indicates that the xclks per vhi measurement is currently
exceeding the ref+tol. Not sticky.
R
[2]
Indicates that the horizontal per vertical measurement is
currently exceeding the ref+tol. Not sticky.
R
[1]
Indicates that the xclks per horizontal measurement is
currently exceeding the ref+tol. Not sticky.
R
[0]
Indicates that the xclks per vertical measurement is currently
exceeding the ref+tol. Not sticky.
SMEAS_MEAS_POLLING
0153
R
[1]
00
Horizontal measurement polling bit.
Toggles upon completion of each measurement in free-run
mode while SMEAS_H_CTRL[1] = 1. Undefined in one-shot
mode.
R
[0]
Vertical measurement polling bit.
Toggles upon completion of each measurement in free-run
mode while SMEAS_V_CTRL[1] = 1. Undefined in one-shot
mode.
SMEAS_STATUS_RANGE2
0155
R
[1]
indicates the current state of the line buffer pointer crossing
error check in the scaler.
R
[0]
indicates the current state of the output sequencer trigger-
out-of-range error check
a. The Mask can apply in any mode of operation, it does not need to only apply to the Sticky bit setting.
b. Adjust VSYNC delay and/or filtering in the SRT block to achieve an hv_skew >= 6 to prevent vsync jitter
sensitivity in the SMUX and SMEAS blocks.
Table 17: SMEAS Register Definitions (Sheet 6 of 6)
Register Name
Addr
Mode
Bits
Rst
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com