Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800XL Datasheet(PDF) 30 Page - STMicroelectronics

Part # ADE3800XL
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800XL Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ADE3800XL Datasheet HTML 26Page - STMicroelectronics ADE3800XL Datasheet HTML 27Page - STMicroelectronics ADE3800XL Datasheet HTML 28Page - STMicroelectronics ADE3800XL Datasheet HTML 29Page - STMicroelectronics ADE3800XL Datasheet HTML 30Page - STMicroelectronics ADE3800XL Datasheet HTML 31Page - STMicroelectronics ADE3800XL Datasheet HTML 32Page - STMicroelectronics ADE3800XL Datasheet HTML 33Page - STMicroelectronics ADE3800XL Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 138 page
background image
Register Description by Block
ADE3800
30/138
4.5
Line Lock PLL (LLK)
The LLK generates the ADC input pixel sampling clock from an incoming HSync source and a
multiplying factor (MFACTOR, aka Clock). The loop filter parameters and skew (aka Phase) can be
tuned. The phase can be adjusted in steps of 72ps. The minimum LLK generated clock frequency is
13.5 MHz.
The PLL filter has two states with independent filter parameters: Fast and Slow. If while in the Fast
state the phase detector error count remains below a programmable threshold (LLK_LOCK_TOL) for a
programmable number of input lines (LLK_LOCK_LINE_NB), the PLL changes to the Slow state. While
in this state, the Slow filter coefficients apply. In the event that phase detector errors should exceed
LLK_LOCK_TOL
for one or more lines, the PLL returns to the Fast state in one line, and Fast filter
coefficients again apply.
Table 14: ADTH Registers
Register Name
Addr
Mode
Bits
Rst
Description
ADTH_MAT_CTRL
03D0
R/W
[7:6]
01
amplitude_offset
adth_out[2:0] = (dither_amplitude + amplitude_offset)
% 8
[5:4]
dither_amplitude
0*: dither amplitude range: 0-7
1: dither amplitude range: 0-6
2: dither amplitude range: 0-5
3: dither amplitude range: 0-4
[3]
1: vertical start position of dither matrix changes by
FRAME_OFFSET
[2]
1: horizontal start position of dither matrix changes by
FRAME_OFFSET
[1]
Clamp polarity. To be set to 1.
[0]
0: adth_out[2:0] = 3
1*: AFE dither amplitude enabled
ADTH_FRAME_CTRL
03D1
R/W
[7:4]
00
frame_offset
Offset the start position of the dither matrix from frame
to frame by frame_offset.
See frame_len.
[3:0]
frame_len
Reset dither matrix start position after frame_len +1
number of frames when frame_len > 0.
See frame_offset.
ADTH_CLAMP_CTRL
03D2
R/W
[7:4]
00
clamp_begin
Delay and mute the clamp pulse by 0-15 clock cycles
Note: adth_out[2:0] = 3 during clamping/muting
[3:0]
clamp_end
Mute after the end of clamp pulse for 0-15 clock cycles
Note: adth_out[2:0] = 3 during clamping/muting
ADTH_TEST_DITHER
03D3
R/W
[2:0]
00
For AFE dither amplitude (voltage) calibration.
During vertical blanking
adth_out[2:0] = test_dither



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com