Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800XL Datasheet(PDF) 14 Page - STMicroelectronics

Part # ADE3800XL
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800XL Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ADE3800XL Datasheet HTML 10Page - STMicroelectronics ADE3800XL Datasheet HTML 11Page - STMicroelectronics ADE3800XL Datasheet HTML 12Page - STMicroelectronics ADE3800XL Datasheet HTML 13Page - STMicroelectronics ADE3800XL Datasheet HTML 14Page - STMicroelectronics ADE3800XL Datasheet HTML 15Page - STMicroelectronics ADE3800XL Datasheet HTML 16Page - STMicroelectronics ADE3800XL Datasheet HTML 17Page - STMicroelectronics ADE3800XL Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 138 page
background image
Pin Descriptions
ADE3800
14/138
99
RSDS14-
O
RSDS Channel 14 Data-
100
RSDS14+
O
RSDS Channel 14 Data+
101
RSDS15-
O
RSDS Channel 15 Data-
102
RSDS15+
O
RSDS Channel 15 Data+
98
125
OUT0+
O
+LVDS Channel 0 Differential Data Output or RSDS Channel 16 Data +
99
126
OUT0-
O
-LVDS Channel 0 Differential Data Output or RSDS Channel 16 Data -
96
123
OUT1+
O
+LVDS Channel 1 Differential Data Output or RSDS channel 17 Data +
97
124
OUT1-
O
-LVDS Channel 1 Differential Data Output or RSDS Channel 17 Data -
94
121
OUT2+
O
+LVDS Channel 2 Differential Data Output or RSDS Channel 18 Data +
95
122
OUT2-
O
-LVDS Channel 2 Differential Data Output or RSDS Channel 18 Data -
90
117
OUT3+
O
+LVDS Channel 3 Differential Data Output or RSDS Channel 19 Data +
91
118
OUT3-
O
-LVDS Channel 3 Differential Data Output or RSDS Channel 19 Data -
85
112
OUT4+
O
+LVDS Channel 4 Differential Data Output or RSDS Back Side CLK-
86
113
OUT4-
O
-LVDS Channel 4 Differential Data Output or RSDS Back Side CLK+
83
110
OUT5+
O
+LVDS Channel 5 Differential Data Output or RSDS Channel 22 Data +
84
111
OUT5-
O
-LVDS Channel 5 Differential Data Output or RSDS Channel 22 Data -
81
108
OUT6+
O
+LVDS Channel 6 Differential Data Output or RSDS Channel 23 Data +
82
109
OUT6-
O
-LVDS Channel 6 Differential Data Output or RSDS Channel 23 Data -
77
104
OUT7+
O
+LVDS Channel 7 Differential Data Output or RSDS Channel 24 Data +
78
105
OUT7-
O
-LVDS Channel 7 Differential Data Output or RSDS Channel 24 Data -
92
119
OUTCLK0+
O
+LVDS Channel A Differential Clock Output or RSDS Channel 20 Data +
93
120
OUTCLK0-
O
-LVDS Channel A Differential Clock Output or RSDS Channel 20 Data -
79
106
OUTCLK1+
O
+LVDS Channel B Differential Clock Output or RSDS Channel 25 Data +
80
107
OUTCLK1-
O
-LVDS Channel B Differential Clock Output or RSDS Channel 25 Data -
58
70
TCON0
O
TCON Output 0 or PWM B Output
59
71
TCON1
O
TCON Output 1 or PWM A Output
60
72
TCON2
O
TCON Output 2
61
73
TCON3
O
TCON Output 3
62
74
TCON4
O
TCON Output 4
63
75
TCON5
O
TCON Output 5
64
76
TCON6
O
TCON Output 6
65
77
TCON7
O
TCON Output 7
Table 5: System Controls (Sheet 1 of 2)
LQFP100 LQFP128
Name
Input/
Output
Description
47
59
XTAL_OUT
O
Crystal Oscillator output
48
60
XTAL_IN
I
Crystal Oscillator input
Table 4: Output Signals and TCON Signals (Sheet 2 of 2)
LQFP100 LQFP128
Name
Input/
Output
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com