Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800XL Datasheet(PDF) 76 Page - STMicroelectronics

Part # ADE3800XL
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800XL Datasheet(HTML) 76 Page - STMicroelectronics

Back Button ADE3800XL Datasheet HTML 72Page - STMicroelectronics ADE3800XL Datasheet HTML 73Page - STMicroelectronics ADE3800XL Datasheet HTML 74Page - STMicroelectronics ADE3800XL Datasheet HTML 75Page - STMicroelectronics ADE3800XL Datasheet HTML 76Page - STMicroelectronics ADE3800XL Datasheet HTML 77Page - STMicroelectronics ADE3800XL Datasheet HTML 78Page - STMicroelectronics ADE3800XL Datasheet HTML 79Page - STMicroelectronics ADE3800XL Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 138 page
background image
Register Description by Block
ADE3800
76/138
4.14.1 Implementation
Note:
The Character Attribute [CharDepthIndex] selects which of the 2 char depths will be used from
RowAttribute [CharDepth0] or RowAttribute [CharDepth1].
Row Type 0 Attributes: (total 48 bits)
[Y Position]
12 bits
(HPOS)
[X Position]
12 bits
(YPOS)
[Type of Row]
2 bits
(TR)
[Char/Row]
7 bits
(CR)
[Palette]
1 bits
(PI)
[FlipHV]
2 bits
(HVF)
[CharDepth0]
2 bits
(CD0)
[CharDepth1]
2 bits
(CD1)
NOT USED
[BG]
4 bits
(BG)
[FG]
4 bits
(FG)
Row Type 0 – Character Attributes: (total 8 bits)
[CharID]
8 bits
(CID)
Row Type 1 Attributes: (total 48 bits)
[Y Position]
12 bits
(HPOS)
[X Position]
12 bits
(YPOS)
[Type of Row]
2 bits
(TR)
[Char/Row]
7 bits
(CR)
[Palette]
1 bits
(PI)
NOT USED
[FlipHV]
2 bits
(HVF)
NOT USED
[CharDepth0]
2 bits
(CD0)
[CharDepth1]
2 bits
(CD1)
[BG]
4 bits
(BG)
[FG]
4 bits
(FG)
Row Type 1 – Character Attributes: (total 12 bits)
[CharID]
8 bits
(CID)
[FlipHV]
2 bits
(HVF)
[CharDepthIndex]
1 bits
(CD)
[PaletteIndex]
1 bits
(PI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com