Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800XL Datasheet(PDF) 27 Page - STMicroelectronics

Part # ADE3800XL
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800XL Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ADE3800XL Datasheet HTML 23Page - STMicroelectronics ADE3800XL Datasheet HTML 24Page - STMicroelectronics ADE3800XL Datasheet HTML 25Page - STMicroelectronics ADE3800XL Datasheet HTML 26Page - STMicroelectronics ADE3800XL Datasheet HTML 27Page - STMicroelectronics ADE3800XL Datasheet HTML 28Page - STMicroelectronics ADE3800XL Datasheet HTML 29Page - STMicroelectronics ADE3800XL Datasheet HTML 30Page - STMicroelectronics ADE3800XL Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 138 page
background image
27/138
ADE3800
Register Description by Block
Table 13: ADC Registers (Sheet 1 of 2)
Register Name
Addr
Mode
Bits
Rst
Description
ANA_FS216_CTRLa
0040
R/W
[4:3]
01
xtal freq multiplier, ndiv
0: fxclk = 54 MHz
b
1*: fxclk = 27 MHz (normal)
2
2: fxclk = 13.5 MHz
2
3: reserved
[2]
external pll
0*: internal
1: external
[1]
pll select
0*: disabled
1: enabled
[0]
disable FS216 analog VCO
0*: enabled
1: disabled
ANA_ADC_PWDN
0050
R/W
[0]
01
AFE power control
0: on
1*: off
ANA_ADC_SOG_0
0051
R/W
[4:0]
00
SOG level detection & clamp
Up when ADCSOG1[7:4]=1
0mV to +282mV, at ~8.8mV per step
00000*: 0mV
11111: +282mV
ANA_ADC_SOG_1
0052
R/W
[7:4]
01
SOG level detection & clamp
Down when ANA_ADC_SOG_0[4:0]=0
0mV to -340mV, 10mV per step
0*: disabled
1: -340mV
F: 0mV
[3]
Enable SOG clamp & pull down current
0*: off
1: on
[2:1]
SOG pull down current adjust
MAX/TYP/MIN
00*: 1.4/1.1/0.8 uA
01: 0.7/0.5/0.4 uA
10: 5.3/4.1/3.1 uA
11: 2.7/2.1/1.6 uA
[0]
SOG power control
0: on
1*: off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com