Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800XL Datasheet(PDF) 98 Page - STMicroelectronics

Part # ADE3800XL
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800XL Datasheet(HTML) 98 Page - STMicroelectronics

Back Button ADE3800XL Datasheet HTML 94Page - STMicroelectronics ADE3800XL Datasheet HTML 95Page - STMicroelectronics ADE3800XL Datasheet HTML 96Page - STMicroelectronics ADE3800XL Datasheet HTML 97Page - STMicroelectronics ADE3800XL Datasheet HTML 98Page - STMicroelectronics ADE3800XL Datasheet HTML 99Page - STMicroelectronics ADE3800XL Datasheet HTML 100Page - STMicroelectronics ADE3800XL Datasheet HTML 101Page - STMicroelectronics ADE3800XL Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 138 page
background image
Register Description by Block
ADE3800
98/138
4.17.1 Output Data
LVDS
56 bits of LVDS data are arranged as shown in
Table 35:
MSB-LSB Flip
If omux_ctrl1[6] is equal to 1, data are flipped as follows:
lvds_data_out[27:0] =
{lvds_data_o[6:0],lvds_data_o[13:7],lvds_data_o[20:14],lvds_data_o[27:21]}
lvds_data_out[55:28] =
{lvds_data_o[34:28],lvds_data_o[41:35],lvds_data_o[48:42],lvds_data_o[55:49]}
RSDS 128 pin and 100 pin
In RSDS mode, 24/48 data bits are combined into 12/24 pairs for 1 ppc and 2 ppc modes,
respectively.
The split line buffer is to be run in 2 ppc RSDS mode 128 pin only.
Table 35: LVDS output data
LVDS
Output
LVDS Data
[6]
[5]
[4]
[3]
[2]
[1]
[0]
OUT0
lvds_data_o[6:0]
AR0
AR1
AR2
AR3
AR4
AR5
AG0
OUT1
lvds_data_o[13:7]
AG1
AG2
AG3
AG4
AG5
AB0
AB1
OUT2
lvds_data_o[20:14]
AB2
AB3
AB4
AB5
HS
VS
DE
OUT3
lvds_data_o[27:21]
AR6
AR7
AG6
AG7
AB6
AB7
AReserved
OUT4
lvds_data_o[34:28]
BR0
BR1
BR2
BR3
BR4
BR5
BG0
OUT5
lvds_data_o[41:35]
BAG1
BG2
BG3
BG4
BG5
BB0
BB1
OUT6
lvds_data_o[48:42]
BB2
BB3
BB4
BB5
HS
VS
DE
OUT7
lvds_data_o[55:49]
BR6
BR7
BG6
BG7
BB6
BB7
BReserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com