Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800XL Datasheet(PDF) 91 Page - STMicroelectronics

Part # ADE3800XL
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800XL Datasheet(HTML) 91 Page - STMicroelectronics

Back Button ADE3800XL Datasheet HTML 87Page - STMicroelectronics ADE3800XL Datasheet HTML 88Page - STMicroelectronics ADE3800XL Datasheet HTML 89Page - STMicroelectronics ADE3800XL Datasheet HTML 90Page - STMicroelectronics ADE3800XL Datasheet HTML 91Page - STMicroelectronics ADE3800XL Datasheet HTML 92Page - STMicroelectronics ADE3800XL Datasheet HTML 93Page - STMicroelectronics ADE3800XL Datasheet HTML 94Page - STMicroelectronics ADE3800XL Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 138 page
background image
91/138
ADE3800
Register Description by Block
The number of frames used to complete one full measurement and update the I2C registers is
programmed into FRAME_CNT_MAX as shown below.
Table 31: FLK Registers (Sheet 1 of 2)
Register Name
Addr
Mode
Bits
Rst
Description
FLICKER_CTRL0
0CA1
R/W
[5]
25
0: straight line uniform function
1*: straight line hill function (normal)
R/W
[4]
0*: free run
1: freeze scores
Set to a 1 when the micro controller is reading multibyte
scores to prevent update corruption.
R/W
[2:0]
-horizontal polarity pattern (even/odd pixels)
000: -R-G-B / +R+G+B
001: -R-G+B / +R+G-B
010: -R+G-B / +R-G+B
011: -R+G+B / +R-G-B
100: +R-G-B / -R+G+B
101*: +R-G+B / -R+G-B
110: +R+G-B / -R-G+B
111: +R+G+B / -R-G-B
-If input data is in RGB format program flicker_ctrl0 to 5 or 2
to get maximum score



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com