Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800XL Datasheet(PDF) 73 Page - STMicroelectronics

Part # ADE3800XL
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800XL Datasheet(HTML) 73 Page - STMicroelectronics

Back Button ADE3800XL Datasheet HTML 69Page - STMicroelectronics ADE3800XL Datasheet HTML 70Page - STMicroelectronics ADE3800XL Datasheet HTML 71Page - STMicroelectronics ADE3800XL Datasheet HTML 72Page - STMicroelectronics ADE3800XL Datasheet HTML 73Page - STMicroelectronics ADE3800XL Datasheet HTML 74Page - STMicroelectronics ADE3800XL Datasheet HTML 75Page - STMicroelectronics ADE3800XL Datasheet HTML 76Page - STMicroelectronics ADE3800XL Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 138 page
background image
73/138
ADE3800
Register Description by Block
OSD_CTRL0
4900
R/W
[7:4]
00
Global Alpha
LSB = 1/15
R/W
[3]
Rotation
0*: 12H x 18V char
1: 18H x 12V char
R/W
[2]
TCON Highlight Window Palette Index
R/W
[1]
TCON Highlight Window Enable
R/W
[0]
OSD enable
OSD_CTRL1
4901
R/W
[7]
00
OSD List Pointer Select
R/W
[6:0]
Total OSD Rows
OSD_GLBL_X_OFFSET_L
OSD_GLBL_X_OFFSET_U
4902
4903
R/W
R/W
[7:0]
[3:0]
00
00
Global OSD Xpos offset in pixels
OSD_GLBL_Y_OFFSET_L
OSD_GLBL_Y_OFFSET_U
4904
4905
R/W
R/W
[7:0]
[3:0]
00
00
Global OSD Ypos offset in pixels
OSD_CP_1BPP_L
OSD_CP_1BPP_U
4906
4907
R/W
R/W
[7:0]
[3:0]
00
00
1bpp Char Pointer
OSD_CP_2BPP_L
OSD_CP_2BPP_U
4908
4909
R/W
R/W
[7:0]
[3:0]
00
00
2bpp Char Pointer
OSD_CP_3BPP_L
OSD_CP_3BPP_U
490A
490B
R/W
R/W
[7:0]
[3:0]
00
00
3bpp Char Pointer
OSD_CP_4BPP_L
OSD_CP_4BPP_U
490C
490D
R/W
R/W
[7:0]
[3:0]
00
00
4bpp Char Pointer
OSD_DLP0_L
OSD_DLP0_U
490E
490F
R/W
R/W
[7:0]
[3:0]
00
00
Display List Pointer0
OSD_DLP1_L
OSD_DL1_U
4910
4911
R/W
R/W
[7:0]
[3:0]
00
00
Display List Pointer1
OSD_CLUT_1BPP
4912
R/W
[4:0]
00
Base Color LUT for 1bpp
OSD_CLUT_2BPP
4913
R/W
[4:0]
00
Base Color LUT for 2bpp
OSD_CLUT_3BPP
4914
R/W
[4:0]
00
Base Color LUT for 3bpp
OSD_CLUT_4BPP
4915
R/W
[4:0]
00
Base Color LUT for 4bpp
Table 30: OSD Registers (Sheet 2 of 3)
Register Name
Addr
Mode
Bits
Rst
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com