Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6200C Datasheet(PDF) 62 Page - STMicroelectronics

Part # ST6200C
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6200C Datasheet(HTML) 62 Page - STMicroelectronics

Back Button ST6200C Datasheet HTML 58Page - STMicroelectronics ST6200C Datasheet HTML 59Page - STMicroelectronics ST6200C Datasheet HTML 60Page - STMicroelectronics ST6200C Datasheet HTML 61Page - STMicroelectronics ST6200C Datasheet HTML 62Page - STMicroelectronics ST6200C Datasheet HTML 63Page - STMicroelectronics ST6200C Datasheet HTML 64Page - STMicroelectronics ST6200C Datasheet HTML 65Page - STMicroelectronics ST6200C Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 100 page
background image
ST6200C/ST6201C/ST6203C
62/100
11.4 SUPPLY CURRENT CHARACTERISTICS
The following current consumption specified for
the ST6 functional operating modes over tempera-
ture range does not take into account the clock
source current consumption. To get the total de-
vice consumption, the two current values must be
added (except for STOP mode for which the clock
is stopped).
11.4.1 RUN Modes
Notes:
1. Typical data are based on TA=25°C, VDD=5V (4.5V≤VDD≤6.0V range) and VDD=3.3V (3V≤VDD≤3.6V range).
2. Data based on characterization results, tested in production at VDD max. and fOSC max.
3. CPU running with memory access, all I/O pins in input with pull-up mode (no load), all peripherals in reset state; clock
input (OSCIN) driven by external square wave, OSG and LVD disabled, option bytes not programmed.
Figure 36. Typical IDD in RUN vs. fCPU
Figure 37. Typical IDD in RUN vs. Temperature
(VDD = 5V)
Symbol
Parameter
Conditions
Typ 1)
Max 2)
Unit
IDD
Supply current in RUN mode 3)
(see Figure 36 & Figure 37)
fOSC=32kHz
fOSC=1MHz
fOSC=2MHz
fOSC=4MHz
fOSC=8MHz
0.5
1.3
1.6
2.2
3.3
0.7
1.7
2.4
3.3
4.8
mA
Supply current in RUN mode 3)
(see Figure 36 & Figure 37)
fOSC=32kHz
fOSC=1MHz
fOSC=2MHz
fOSC=4MHz
fOSC=8MHz
0.3
0.6
0.9
1.0
1.8
0.4
0.8
1.2
1.5
2.3
34
5
6
VDD [V]
0
1
2
3
4
5
IDD [mA]
8MHz
4MHz
2MHz
1MHz
32KHz
-40
25
95
125
T[°C]
0
0.5
1
1.5
2
2.5
3
3.5
IDD [mA]
8MHz
4MHz
2MHz
1MHz
32KHz
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com