Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6200C Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST6200C
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6200C Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST6200C Datasheet HTML 14Page - STMicroelectronics ST6200C Datasheet HTML 15Page - STMicroelectronics ST6200C Datasheet HTML 16Page - STMicroelectronics ST6200C Datasheet HTML 17Page - STMicroelectronics ST6200C Datasheet HTML 18Page - STMicroelectronics ST6200C Datasheet HTML 19Page - STMicroelectronics ST6200C Datasheet HTML 20Page - STMicroelectronics ST6200C Datasheet HTML 21Page - STMicroelectronics ST6200C Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 100 page
background image
ST6200C/ST6201C/ST6203C
18/100
5 CLOCKS, SUPPLY AND RESET
5.1 CLOCK SYSTEM
The main oscillator of the MCU can be driven by
any of these clock sources:
– external clock signal
– external AT-cut parallel-resonant crystal
– external ceramic resonator
– external RC network (RNET).
In addition, an on-chip Low Frequency Auxiliary
Oscillator (LFAO) is available as a back-up clock
system or to reduce power consumption.
An optional Oscillator Safeguard (OSG) filters
spikes from the oscillator lines, and switches to the
LFAO backup oscillator in the event of main oscil-
lator failure. It also automatically limits the internal
clock frequency (fINT) as a function of VDD, in order
to guarantee correct operation. These functions
are illustrated in Figure 10, and Figure 11.
Table 5 illustrates various possible oscillator con-
figurations using an external crystal or ceramic
resonator, an external clock input, an external re-
sistor (RNET), or the lowest cost solution using only
the LFAO.
For more details on configuring the clock options,
refer to the Option Bytes section of this document.
The internal MCU clock frequency (fINT) is divided
by 12 to drive the Timer, the Watchdog timer and
the A/D converter, by 13 to drive the CPU core and
the SPI and by 1 or 3 to drive the ARTIMER, as
shown in Figure 9.
With an 8 MHz oscillator, the fastest CPU cycle is
therefore 1.625µs.
A CPU cycle is the smallest unit of time needed to
execute any operation (for instance, to increment
the Program Counter). An instruction may require
two, four, or five CPU cycles for execution.
Figure 9. Clock Circuit Block Diagram
MAIN
OSCILLATOR
OSG
LFAO
CORE
: 13
: 12
8-BIT TIMER
WATCHDOG
fINT
OSCOFF BIT
ADC
0
1
filtering
OSCILLATOR SAFEGUARD (OSG)
OSG ENABLE OPTION BIT (See OPTION BYTE SECTION)
(ADCR REGISTER)
fOSC
* Depending on device. See device summary on page 1.
*
*
Oscillator
Divider
SPI
: 1
: 3
8-BIT ARTIMER
8-BIT ARTIMER
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com