Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6200C Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST6200C
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6200C Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST6200C Datasheet HTML 33Page - STMicroelectronics ST6200C Datasheet HTML 34Page - STMicroelectronics ST6200C Datasheet HTML 35Page - STMicroelectronics ST6200C Datasheet HTML 36Page - STMicroelectronics ST6200C Datasheet HTML 37Page - STMicroelectronics ST6200C Datasheet HTML 38Page - STMicroelectronics ST6200C Datasheet HTML 39Page - STMicroelectronics ST6200C Datasheet HTML 40Page - STMicroelectronics ST6200C Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 100 page
background image
ST6200C/ST6201C/ST6203C
37/100
I/O PORTS (Cont’d)
Figure 23. I/O Port Block Diagram
Table 8. I/O Port Configurations
Note: x = Don’t care
DDR
OR
DR
Mode
Option
0
0
0
Input
With pull-up, no interrupt
0
0
1
Input
No pull-up, no interrupt
0
1
0
Input
With pull-up and with interrupt
0
1
1
Input
Analog input (when available)
1
0
x
Output
Open-drain output (20mA sink when available)
1
1
x
Output
Push-pull output (20mA sink when available)
VDD
RESET
ST6
INTERNAL
DATA
DATA
DIRECTION
REGISTER
REGISTER
OPTION
REGISTER
TO INTERRUPT
VDD
TO ADC
VDD
N-BUFFER
P-BUFFER
PULL-UP
CMOS
SCHMITT
TRIGGER
Pxx I/O Pin
BUS
CLAMPING
DIODES
*
* Depending on device. See device summary on page 1.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com