Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6200C Datasheet(PDF) 64 Page - STMicroelectronics

Part # ST6200C
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6200C Datasheet(HTML) 64 Page - STMicroelectronics

Back Button ST6200C Datasheet HTML 60Page - STMicroelectronics ST6200C Datasheet HTML 61Page - STMicroelectronics ST6200C Datasheet HTML 62Page - STMicroelectronics ST6200C Datasheet HTML 63Page - STMicroelectronics ST6200C Datasheet HTML 64Page - STMicroelectronics ST6200C Datasheet HTML 65Page - STMicroelectronics ST6200C Datasheet HTML 66Page - STMicroelectronics ST6200C Datasheet HTML 67Page - STMicroelectronics ST6200C Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 100 page
background image
ST6200C/ST6201C/ST6203C
64/100
SUPPLY CURRENT CHARACTERISTICS (Cont’d)
Figure 38. Typical IDD in WAIT vs fCPU and Temperature for OTP devices with option bytes not
programmed
Figure 39. Typical IDD in WAIT vs fCPU and Temperature for OTP devices with option bytes
programmed to 00H
34
56
VDD [V]
0
100
200
300
400
500
600
700
800
IDD [µA]
8MHz
4MHz
2MHz
1M
32KHz
-40
25
95
125
T[°C]
200
300
400
500
600
700
IDD [µA]
8MHz
4MHz
2MHz
1MHz
32KHz
34
56
VDD [V]
0
20
40
60
80
100
120
IDD [µA]
8MHz
4MHz
2MHz
1M
32KHz
-20
25
95
T[°C]
10
20
30
40
50
60
70
80
90
IDD [µA]
8MHz
4MHz
2MHz
1MHz
32KHz
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com