Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6200C Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST6200C
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6200C Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST6200C Datasheet HTML 15Page - STMicroelectronics ST6200C Datasheet HTML 16Page - STMicroelectronics ST6200C Datasheet HTML 17Page - STMicroelectronics ST6200C Datasheet HTML 18Page - STMicroelectronics ST6200C Datasheet HTML 19Page - STMicroelectronics ST6200C Datasheet HTML 20Page - STMicroelectronics ST6200C Datasheet HTML 21Page - STMicroelectronics ST6200C Datasheet HTML 22Page - STMicroelectronics ST6200C Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 100 page
background image
ST6200C/ST6201C/ST6203C
19/100
CLOCK SYSTEM (Cont’d)
5.1.1 Main Oscillator
The oscillator configuration is specified by select-
ing the appropriate option in the option bytes (refer
to the Option Bytes section of this document).
When the CRYSTAL/RESONATOR option is se-
lected, it must be used with a quartz crystal, a ce-
ramic resonator or an external signal provided on
the OSCin pin. When the RC NETWORK option is
selected, the system clock is generated by an ex-
ternal resistor (the capacitor is implemented inter-
nally).
The main oscillator can be turned off (when the
OSG ENABLED option is selected) by setting the
OSCOFF bit of the ADC Control Register (not
available on some devices). This will automatically
start the Low Frequency Auxiliary Oscillator
(LFAO).
The main oscillator can be turned off by resetting
the OSCOFF bit of the A/D Converter Control Reg-
ister or by resetting the MCU. When the main os-
cillator starts there is a delay made up of the oscil-
lator start-up delay period plus the duration of the
software instruction at a clock frequency fLFAO.
Caution: It should be noted that when the RC net-
work option is selected, the accuracy of the fre-
quency is about 20% so it may not be suitable for
some applications (For more details, please refer
to the Electrical Characteristics Section).
Table 5. Oscillator Configurations
Notes:
1. To select the options shown in column 1 of the above
table, refer to the Option Byte section.
2.This schematic are given for guidance only and are sub-
ject to the schematics given by the crystal or ceramic res-
onator manufacturer.
3. For more details, please refer to the Electrical Charac-
teristics Section.
Hardware Configuration
OSCin
OSCout
EXTERNAL
ST6
CLOCK
NC
External Clock
OSCin
OSCout
LOAD
CAPACITORS 3)
ST6
CL2
CL1
Crystal/Resonator Clock 2)
OSCin
OSCout
ST6
RNET
NC
RC Network
OSCin
OSCout
ST6
LFAO
NC
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com