Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6200C Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST6200C
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6200C Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST6200C Datasheet HTML 7Page - STMicroelectronics ST6200C Datasheet HTML 8Page - STMicroelectronics ST6200C Datasheet HTML 9Page - STMicroelectronics ST6200C Datasheet HTML 10Page - STMicroelectronics ST6200C Datasheet HTML 11Page - STMicroelectronics ST6200C Datasheet HTML 12Page - STMicroelectronics ST6200C Datasheet HTML 13Page - STMicroelectronics ST6200C Datasheet HTML 14Page - STMicroelectronics ST6200C Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 100 page
background image
ST6200C/ST6201C/ST6203C
11/100
MEMORY MAP (Cont’d)
Table 2. Hardware Register Map
Legend:
x = undefined, R/W = Read/Write, Ro = Read-only Bit(s) in the register, Wo = Write-only Bit(s)
in the register.
Notes:
1. The contents of the I/O port DR registers are readable only in output configuration. In input configura-
tion, the values of the I/O pins are returned instead of the DR register contents.
2. The bits associated with unavailable pins must always be kept at their reset value.
3. Do not use single-bit instructions (SET, RES...) on Port Data Registers if any pin of the port is configured
in input mode (refer to Section 8 "I/O PORTS" on page 36 for more details).
4. Depending on device. See device summary on page 1.
Address
Block
Register
Label
Register Name
Reset
Status
Remarks
080h
to 083h
CPU
X,Y,V,W
X,Y index registers
V,W short direct registers
xxh
R/W
0C0h
0C1h
I/O Ports
DRA 1) 2) 3)
DRB 1) 2) 3)
Port A Data Register
Port B Data Register
00h
00h
R/W
R/W
0C2h
0C3h
Reserved (2 Bytes)
0C4h
0C5h
I/O Ports
DDRA 2)
DDRB 2)
Port A Direction Register
Port B Direction Register
00h
00h
R/W
R/W
0C6h
0C7h
Reserved (2 Bytes)
0C8h
CPU
IOR
Interrupt Option Register
xxh
Write-only
0C9h
ROM
DRWR
Data ROM Window register
xxh
Write-only
0CAh
0CBh
Reserved (2 Bytes)
0CCh
0CDh
I/O Ports
ORA 2)
ORB 2)
Port A Option Register
Port B Option Register
00h
00h
R/W
R/W
0CEh
0CFh
Reserved (2 bytes)
0D0h
0D1h
ADC
ADR
ADCR
A/D Converter Data Register
A/D Converter Control Register
xxh
40h
Read-only
Ro/Wo
0D2h
0D3h
0D4h
Timer 1
PSCR
TCR
TSCR
Timer 1 Prescaler Register
Timer 1 Downcounter Register
Timer 1 Status Control Register
7Fh
0FFh
00h
R/W
R/W
R/W
0D5h
to 0D7h
Reserved (3 Bytes)
0D8h
Watchdog
Timer
WDGR
Watchdog Register
0FEh
R/W
0D9h
to 0FEh
Reserved (38 Bytes)
0FFh
CPU
A
Accumulator
xxh
R/W
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com