Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6200C Datasheet(PDF) 87 Page - STMicroelectronics

Part # ST6200C
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6200C Datasheet(HTML) 87 Page - STMicroelectronics

Back Button ST6200C Datasheet HTML 83Page - STMicroelectronics ST6200C Datasheet HTML 84Page - STMicroelectronics ST6200C Datasheet HTML 85Page - STMicroelectronics ST6200C Datasheet HTML 86Page - STMicroelectronics ST6200C Datasheet HTML 87Page - STMicroelectronics ST6200C Datasheet HTML 88Page - STMicroelectronics ST6200C Datasheet HTML 89Page - STMicroelectronics ST6200C Datasheet HTML 90Page - STMicroelectronics ST6200C Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 100 page
background image
ST6200C/ST6201C/ST6203C
87/100
PACKAGE MECHANICAL DATA (Cont’d)
Figure 70. 16-Pin Ceramic Side-Brazed Dual In-Line Package
Figure 71. 16-Pin Plastic Shrink Small Outline Package
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
3.78
0.149
A1
0.38
0.015
B
0.36 0.46 0.56 0.014 0.018 0.022
B1
1.14 1.37 1.78 0.045 0.054 0.070
C
0.20 0.25 0.36 0.008 0.010 0.014
D
19.86 20.32 20.78 0.782 0.800 0.818
D1
17.78
0.700
E1
7.04 7.49 7.95 0.277 0.295 0.313
e
2.54
0.100
G
6.35 6.60 6.86 0.250 0.260 0.270
G1
9.47 9.73 9.98 0.373 0.383 0.393
G2
1.02
0.040
L
2.92 3.30 3.81 0.115 0.130 0.150
S
1.27
0.050
Ø
4.22
0.166
Number of Pins
N16
CDIP16W
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
2.00
0.079
A1
0.05
0.002
A2
1.65
1.75
1.85 0.065 0.069 0.073
b
0.22
0.38 0.009
0.015
c
0.09
0.25 0.004
0.010
D
5.90
6.20
6.50 0.232 0.244 0.256
E
7.40
7.80
8.20 0.291 0.307 0.323
E1
5.00
5.30
5.60 0.197 0.209 0.220
e
0.65
0.026
θ
L
0.55
0.75
0.95 0.022 0.030 0.037
Number of Pins
N
16
A2
A1
A
D
b
e
E1
E
L
h
c
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com