Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6200C Datasheet(PDF) 83 Page - STMicroelectronics

Part # ST6200C
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6200C Datasheet(HTML) 83 Page - STMicroelectronics

Back Button ST6200C Datasheet HTML 79Page - STMicroelectronics ST6200C Datasheet HTML 80Page - STMicroelectronics ST6200C Datasheet HTML 81Page - STMicroelectronics ST6200C Datasheet HTML 82Page - STMicroelectronics ST6200C Datasheet HTML 83Page - STMicroelectronics ST6200C Datasheet HTML 84Page - STMicroelectronics ST6200C Datasheet HTML 85Page - STMicroelectronics ST6200C Datasheet HTML 86Page - STMicroelectronics ST6200C Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 100 page
background image
ST6200C/ST6201C/ST6203C
83/100
CONTROL PIN CHARACTERISTICS (Cont’d)
11.10 TIMER PERIPHERAL CHARACTERISTICS
Subject to general operating conditions for VDD,
fOSC, and TA unless otherwise specified.
Refer to I/O port characteristics for more details on
the input/output alternate function characteristics
(TIMER).
11.10.1 Watchdog Timer
11.10.2 8-Bit Timer
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tw(WDG)
Watchdog time-out duration
3,072
196,608
tINT
fCPU=4MHz
0.768
49.152
ms
fCPU=8MHz
0.384
24.576
ms
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fEXT
Timer external clock frequency
0
fINT/4
MHz
tw
Pulse width at TIMER pin
VDD>4.5V
125
ns
VDD=3V
1
µs
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com