Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6200C Datasheet(PDF) 73 Page - STMicroelectronics

Part # ST6200C
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6200C Datasheet(HTML) 73 Page - STMicroelectronics

Back Button ST6200C Datasheet HTML 69Page - STMicroelectronics ST6200C Datasheet HTML 70Page - STMicroelectronics ST6200C Datasheet HTML 71Page - STMicroelectronics ST6200C Datasheet HTML 72Page - STMicroelectronics ST6200C Datasheet HTML 73Page - STMicroelectronics ST6200C Datasheet HTML 74Page - STMicroelectronics ST6200C Datasheet HTML 75Page - STMicroelectronics ST6200C Datasheet HTML 76Page - STMicroelectronics ST6200C Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 100 page
background image
ST6200C/ST6201C/ST6203C
73/100
11.7 EMC CHARACTERISTICS
Susceptibility tests are performed on a sample ba-
sis during product characterization.
11.7.1 Functional EMS
(Electro Magnetic Susceptibility)
Based on a simple running application on the
product (toggling 2 LEDs through I/O ports), the
product is stressed by two electro magnetic events
until a failure occurs (indicated by the LEDs).
s
ESD: Electro-Static Discharge (positive and
negative) is applied on all pins of the device until
a functional disturbance occurs. This test
conforms with the IEC 1000-4-2 standard.
s
FTB: A Burst of Fast Transient voltage (positive
and negative) is applied to VDD and VSS through
a 100pF capacitor, until a functional disturbance
occurs. This test conforms with the IEC 1000-4-
4 standard.
A device reset allows normal operations to be re-
sumed.
Notes:
1. Data based on characterization results, not tested in production.
2. The suggested 10 µF and 0.1 µF decoupling capacitors on the power supply lines are proposed as a good price vs.
EMC performance tradeoff. They have to be put as close as possible to the device power supply pins. Other EMC rec-
ommendations are given in other sections (I/Os, RESET, OSCx pin characteristics).
Figure 50. EMC Recommended Star Network Power Supply Connection 2)
Symbol
Parameter
Conditions
Neg 1)
Pos 1)
Unit
VFESD
Voltage limits to be applied on any I/O pin
to induce a functional disturbance
VDD=5V, TA=+25°C, fOSC=8MHz
conforms to IEC 1000-4-2
-2
2
kV
VFFTB
Fast transient voltage burst limits to be ap-
plied through 100pF on VDD and VDD pins
to induce a functional disturbance
VDD=5V, TA=+25°C, fOSC=8MHz
conforms to IEC 1000-4-4
-2.5
3
VDD
VSS
0.1 µF
10 µF
VDD
ST62XX
POWER
SUPPLY
SOURCE
ST6
DIGITAL NOISE
FILTERING
(close to the MCU)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com