Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6200C Datasheet(PDF) 66 Page - STMicroelectronics

Part # ST6200C
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6200C Datasheet(HTML) 66 Page - STMicroelectronics

Back Button ST6200C Datasheet HTML 62Page - STMicroelectronics ST6200C Datasheet HTML 63Page - STMicroelectronics ST6200C Datasheet HTML 64Page - STMicroelectronics ST6200C Datasheet HTML 65Page - STMicroelectronics ST6200C Datasheet HTML 66Page - STMicroelectronics ST6200C Datasheet HTML 67Page - STMicroelectronics ST6200C Datasheet HTML 68Page - STMicroelectronics ST6200C Datasheet HTML 69Page - STMicroelectronics ST6200C Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 100 page
background image
ST6200C/ST6201C/ST6203C
66/100
SUPPLY CURRENT CHARACTERISTICS (Cont’d)
11.4.3 STOP Mode
Notes:
1. Typical data are based on VDD=5.0V at TA=25°C.
2. All I/O pins in input with pull-up mode (no load), all peripherals in reset state, OSG and LVD disabled, option bytes
programmed to 00H. Data based on characterization results, tested in production at VDD max. and fCPU max.
3. Maximum STOP consumption for -40°C<Ta<90°C
4. Maximum STOP consumption for -40°C<Ta<125°C
Figure 41. Typical IDD in STOP vs Temperature
for OTP devices
Figure 42. Typical IDD in STOP vs Temperature
for ROM devices
Symbol
Parameter
Conditions
Typ 1)
Max
Unit
IDD
Supply current in STOP mode 2)
(see Figure 41 & Figure 42)
OTP devices
0.3
10 3)
20 4)
µA
ROM devices
0.1
2 3)
20 4)
34
56
VDD [V]
0
200
400
600
800
1000
1200
IDD [nA]
Ta=-40°C
Ta=25°C
Ta=95°C
Ta=125°C
34
56
VDD [V]
0
500
1000
1500
IDD [nA]
Ta=-40°C
Ta=25°C
Ta=95°C
Ta=125°C
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com