Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6200C Datasheet(PDF) 72 Page - STMicroelectronics

Part # ST6200C
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6200C Datasheet(HTML) 72 Page - STMicroelectronics

Back Button ST6200C Datasheet HTML 68Page - STMicroelectronics ST6200C Datasheet HTML 69Page - STMicroelectronics ST6200C Datasheet HTML 70Page - STMicroelectronics ST6200C Datasheet HTML 71Page - STMicroelectronics ST6200C Datasheet HTML 72Page - STMicroelectronics ST6200C Datasheet HTML 73Page - STMicroelectronics ST6200C Datasheet HTML 74Page - STMicroelectronics ST6200C Datasheet HTML 75Page - STMicroelectronics ST6200C Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 100 page
background image
ST6200C/ST6201C/ST6203C
72/100
11.6 MEMORY CHARACTERISTICS
Subject to general operating conditions for VDD, fOSC, and TA unless otherwise specified.
11.6.1 RAM and Hardware Registers
11.6.2 EPROM Program Memory
Figure 49. EPROM Retention Time vs. Temperature
Notes:
1. Minimum VDD supply voltage without losing data stored in RAM (in STOP mode or under RESET) or in hardware reg-
isters (only in STOP mode). Guaranteed by construction, not tested in production.
2. Data based on reliability test results and monitored in production. For OTP devices, data retention and programmability
must be guaranteed by a screening procedure. Refer to Application Note AN886.
3. The data retention time increases when the TA decreases, see Figure 49.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRM
Data retention1)
0.7
V
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tret
Data retention 2)
TA=+55°C
3)
10
years
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100 110 120
Temperature [°C]
0.1
1
10
100
1000
10000
100000
Retention time [Years]
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com