Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6200C Datasheet(PDF) 47 Page - STMicroelectronics

Part # ST6200C
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6200C Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ST6200C Datasheet HTML 43Page - STMicroelectronics ST6200C Datasheet HTML 44Page - STMicroelectronics ST6200C Datasheet HTML 45Page - STMicroelectronics ST6200C Datasheet HTML 46Page - STMicroelectronics ST6200C Datasheet HTML 47Page - STMicroelectronics ST6200C Datasheet HTML 48Page - STMicroelectronics ST6200C Datasheet HTML 49Page - STMicroelectronics ST6200C Datasheet HTML 50Page - STMicroelectronics ST6200C Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 100 page
background image
ST6200C/ST6201C/ST6203C
47/100
8-BIT TIMER (Cont’d)
9.2.6 Register Description
PRESCALER COUNTER REGISTER (PSCR)
Address: 0D2h - Read/Write
Reset Value: 0111 1111 (7Fh)
Bit 7 = PSCR7: Not used, always read as “0”.
Bits 6:0 = PSCR[6:0]
Prescaler LSB.
TIMER COUNTER REGISTER (TCR)
Address: 0D3h - Read / Write
Reset Value: 1111 1111 (FFh)
Bits 7:0 = TCR[7:0]
Timer counter bits.
TIMER STATUS CONTROL REGISTER (TSCR)
Address: 0D4h - Read/Write
Reset Value: 0000 0000 (00h)
Bit 7 = TMZ
Timer Zero bit.
A low-to-high transition indicates that the timer
count register has underflowed. It means that the
TCR value has changed from 00h to FFh.
This bit must be cleared by user software.
0: Counter has not underflowed
1: Counter underflow occurred
Bit 6 = ETI
Enable Timer Interrupt.
When set, enables the timer interrupt request. If
ETI=0 the timer interrupt is disabled. If ETI=1 and
TMZ=1 an interrupt request is generated.
0: Interrupt disabled (reset state)
1: Interrupt enabled
Bit 5 = TSCR5 Reserved, must be set.
Bit 4 = TSCR4 Reserved, must be cleared.
Bit 3 = PSI:
Prescaler Initialize bit.
Used to initialize the prescaler and inhibit its count-
ing. When PSI=“0” the prescaler is set to 7Fh and
the counter is inhibited. When PSI=“1” the prescal-
er is enabled to count downwards. As long as
PSE=“1” both counter and prescaler are not run-
ning
0: Counting disabled
1: Counting enabled
Bits 1:0 = PS[2:0]
Prescaler Mux. Select.
These bits select the division ratio of the prescaler
register.
Table 12. Prescaler Division Factors
Table 13. 8-Bit Timer Register Map and Reset Values
70
PSCR
7
PSCR
6
PSCR
5
PSCR
4
PSCR
3
PSCR
2
PSCR
1
PSCR
0
70
TCR7
TCR6
TCR5
TCR4
TCR3
TCR2
TCR1
TCR0
70
TMZ
ETI
TSCR5 TSCR4
PSI
PS2
PS1
PS0
PS2
PS1
PS0
Divided by
0
0
0
1
0
0
1
2
0
1
0
4
01
1
8
10
0
16
10
1
32
11
0
64
11
1
128
Address
(Hex.)
Register Label
7
6
5
4321
0
0D2h
PSCR
Reset Value
PSCR7
0
PSCR6
1
PSCR5
1
PSCR4
1
PSCR3
1
PSCR2
1
PSCR1
1
PSCR0
1
0D3h
TCR
Reset Value
TCR7
1
TCR6
1
TCR5
1
TCR4
1
TCR3
1
TCR2
1
TCR1
1
TCR0
1
0D4h
TSCR
Reset Value
TMZ
0
ETI
0
TSCR5
0
TSCR4
0
PSI
0
PS2
0
PS1
0
PS0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com