Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6200C Datasheet(PDF) 84 Page - STMicroelectronics

Part # ST6200C
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6200C Datasheet(HTML) 84 Page - STMicroelectronics

Back Button ST6200C Datasheet HTML 80Page - STMicroelectronics ST6200C Datasheet HTML 81Page - STMicroelectronics ST6200C Datasheet HTML 82Page - STMicroelectronics ST6200C Datasheet HTML 83Page - STMicroelectronics ST6200C Datasheet HTML 84Page - STMicroelectronics ST6200C Datasheet HTML 85Page - STMicroelectronics ST6200C Datasheet HTML 86Page - STMicroelectronics ST6200C Datasheet HTML 87Page - STMicroelectronics ST6200C Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 100 page
background image
ST6200C/ST6201C/ST6203C
84/100
11.11 8-BIT ADC CHARACTERISTICS
Subject to general operating conditions for VDD, fOSC, and TA unless otherwise specified.
Notes:
1. Unless otherwise specified, typical data are based on TA=25°C and VDD=5V.
2. The ADC refers to VDD and VSS.
3. Any added external serial resistor will downgrade the ADC accuracy (especially for resistance greater than 10k
Ω). Data
based on characterization results, not tested in production.
4. As a stabilization time for the AD converter is required, the first conversion after the enable can be wrong.
Figure 66. Typical Application with ADC
Note: ADC not present on some devices. See device summary on page 1.
Symbol
Parameter
Conditions
Min
Typ 1)
Max
Unit
fOSC
Clock frequency
1.2
fOSC
MHz
VAIN
Conversion range voltage 2)
VSS
VDD
V
RAIN
External input resistor
10 3)
k
tADC
Total convertion time
fOSC=8MHz
fOSC=4MHz
70
140
µs
tSTAB
Stabilization time 4)
24
tCPU
fOSC=8MHz
3.25
6.5
µs
ADI
Analog input current during conver-
sion
1.0
µA
ACIN
Analog input capacitance
2
5
pF
AINx
ST62XX
VAIN
RAIN
10pF
ADC
10M
r
≈150Ω
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com