Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32C80 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # 32C80
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C80 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button 32C80 Datasheet HTML 52Page - Renesas Technology Corp 32C80 Datasheet HTML 53Page - Renesas Technology Corp 32C80 Datasheet HTML 54Page - Renesas Technology Corp 32C80 Datasheet HTML 55Page - Renesas Technology Corp 32C80 Datasheet HTML 56Page - Renesas Technology Corp 32C80 Datasheet HTML 57Page - Renesas Technology Corp 32C80 Datasheet HTML 58Page - Renesas Technology Corp 32C80 Datasheet HTML 59Page - Renesas Technology Corp 32C80 Datasheet HTML 60Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 57 / 60 page
background image
REVISION HISTORY
Rev.
Date
Description
Page
Summary
M32C/80 Group Datasheet
A-1
0.10
Sep., 02
New Document
–
0.11
Sep., 02
Table 1.1.1 “CAN” deleted
3
0.12
Nov., 02
Table 1.1.1
“4.2 to 5.5V” --> “3.0 to 5.5V”
"3.0 to 3.6V (f(XIN)=20MHz without software wait)" deleted
"26mA (f(XIN)=20MHz without software wait,Vcc=3.3V)" deleted
3
1. Overview
changed
1.2 Performance Outline
changed
1.3 Block Diagram
added
1.5 Pin Assignments
changed
Table 1.3 Pin Characteristics for 100-Pin Package
changed
1.6 Pin Description
added
2. Central Processing Unit (CPU)
added
3. Memory
added
4. Special Function Registers (SFR)
added
0.30
Aug., 02
–
All pages Words standardized: On-chip oscillator, A/D converter and D/A converter
Overview
2, 3
• Table 1.1 and 1.2 M32C/80 Group Performance
"When using 16-bit bus" added to I/O ports
"Option" deleted from Serial I/O, I2C bus, and IEBus
"Voltage Detection Circuit" added
Value added to "Power Consumption"
"Flash Memory" added
4
• 1.3 Block Diagram Description deleted
5
• Figure 1.2 ROM/RAM Capacity deleted
• Table 1.3 M32C/85 Group Note1 deleted
11
• Table 1.5 Pin Description Note 1 added to I/O ports
Memory
23
• Chapter Description modified
• Figure 3.1 Memory Map modified
SFR
16-
• "X: Nothing is assigned" modified to "X: Indeterminate"
• "?: Indeterminate” modified to "X: Indeterminate"
• "Users cannot use any symbols with *" deleted
• Register names, symbols, value after RESET of addresses 001716, 001B16,
001F16, 002B16, 002F16, 004C16, and 004D16 deleted
• Value after RESET in the PM0 register revised
16
• Note 3 deleted
29
• Note 1 added to addresses 03E016 to 03EB16
0.40
Jun., 04
1.00
Nov., 04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com