Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32C80 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 32C80
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C80 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 32C80 Datasheet HTML 6Page - Renesas Technology Corp 32C80 Datasheet HTML 7Page - Renesas Technology Corp 32C80 Datasheet HTML 8Page - Renesas Technology Corp 32C80 Datasheet HTML 9Page - Renesas Technology Corp 32C80 Datasheet HTML 10Page - Renesas Technology Corp 32C80 Datasheet HTML 11Page - Renesas Technology Corp 32C80 Datasheet HTML 12Page - Renesas Technology Corp 32C80 Datasheet HTML 13Page - Renesas Technology Corp 32C80 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
6
5
f
o
5
0
0
2
,
1
0
.
v
o
N
0
1
.
1
.
v
e
R
0
1
1
0
-
8
3
0
0
B
3
0
J
E
R
1. Overview
page 10
p
u
o
r
G
0
8
/
C
2
3
M
XIN
XOUT
XCIN
XCOUT
BCLK
CLKOUT
_______
_______
INT0 to INT2
_______
_______
INT3 to INT5
_______
NMI
_____
_____
KI0 to KI3
TA0OUT to
TA4OUT
TA0IN to
TA4IN
TB0IN to
TB5IN
__
__
U, U, V, V,
__
W, W
_________
CTS0 to
_________
CTS4
_________
RTS0 to
_________
RTS4
CLK0 to
CLK4
RxD0 to
RxD4
TxD0 to
TxD4
SDA0 to
SDA4
SCL0 to
SCL4
STxD0 to
STxD4
SRxD0 to
SRxD4
______
_______
SS0 to SS4
Main clock input
Main clock
output
Sub clock input
Sub clock
output
BCLK output
Clock output
______
INT interrupt
input
_______
NMI interrupt input
Key input interrupt
Timer A
Timer B
Three-phase motor
control output
Serial I/O
I2C mode
Serial I/O
special function
VCC1
VCC1
VCC1
VCC1
VCC2
VCC2
VCC1
VCC2
VCC1
VCC1
VCC1
VCC1
VCC1
VCC1
VCC1
VCC1
VCC1
VCC1
VCC1
VCC1
VCC1
VCC1
VCC1
VCC1
I
O
I
O
O
O
I
I
I
I/O
I
I
O
I
O
I/O
I
O
I/O
I/O
I
I
I
I/O pins for the main clock generation circuit. Connect a ceramic
resonator or crystal oscillator between XIN and XOUT. To apply
external clock, input the clock from XIN and leave XOUT open
I/O pins for a sub clock oscillation circuit. Connect a crystal
oscillator between XCIN and XCOUT. To apply external clock,
input the clock from XCIN and leave XCOUT open
Outputs BCLK signal
Outputs clock having thesame frequency as fC, f8, or f32
______
Input pins for the INT interrupt
_______
Input pin for the NMI interrupt
Input pins for the key input interrupt
I/O pins for the timer A0 to A4
(TA0OUT is a pin for the N-channel open drain output.)
Input pins for the timer A0 to A4
Input pins for the timer B0 to B5
output pins for the three-phase motor control timer
Input pins for data transmission control
Output pins for data reception control
Inputs and outputs the transfer clock
Inputs serial data
Outputs serial data (TxD2 is a pin for the N-channel open drain
output.)
Inputs and outputs serial data (SDA2 is a pin for for the N-
channel open drain output.)
Inputs and outputs the transfer clock (SCL2 is a pin for the N-
channel open drain output.)
Outputs serial data when slave mode is selected (SDA2 is a pin
for the N-channel open drain output.)
Inputs serial data when slave mode is selected
Input pins to control serial I/O special function
Supply
Signal name
Pin name
I/O type
Description
voltage
Table 1.4 Pin Description (Continued)
I: Input
O: Output
I/O: Input and output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com