Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32C80 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # 32C80
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C80 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button 32C80 Datasheet HTML 25Page - Renesas Technology Corp 32C80 Datasheet HTML 26Page - Renesas Technology Corp 32C80 Datasheet HTML 27Page - Renesas Technology Corp 32C80 Datasheet HTML 28Page - Renesas Technology Corp 32C80 Datasheet HTML 29Page - Renesas Technology Corp 32C80 Datasheet HTML 30Page - Renesas Technology Corp 32C80 Datasheet HTML 31Page - Renesas Technology Corp 32C80 Datasheet HTML 32Page - Renesas Technology Corp 32C80 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
Page 29
4. Special Function Registers (SFRs)
6
5
f
o
5
0
0
2
,
1
0
.
v
o
N
0
1
.
1
.
v
e
R
0
1
1
0
-
8
3
0
0
B
3
0
J
E
R
p
u
o
r
G
0
8
/
C
2
3
M
Address
Register
Symbol
Value after RESET
03D016
03D116
03D216
03D316
03D416
03D516
03D616
03D716
03D816
03D916
03DA16
Pull-Up Control Register 2
PUR2
0016
03DB16
Pull-Up Control Register 3
PUR3
0016
03DC16
03DD16
03DE16
03DF16
03E016
Port P0 Register(1)
P0
XX16
03E116
Port P1 Register(1)
P1
XX16
03E216
Port P0 Direction Register(1)
PD0
0016
03E316
Port P1 Direction Register(1)
PD1
0016
03E416
Port P2 Register(1)
P2
XX16
03E516
Port P3 Register(1)
P3
XX16
03E616
Port P2 Direction Register(1)
PD2
0016
03E716
Port P3 Direction Register(1)
PD3
0016
03E816
Port P4 Register(1)
P4
XX16
03E916
Port P5 Register(1)
P5
XX16
03EA16
Port P4 Direction Register(1)
PD4
0016
03EB16
Port P5 Direction Register(1)
PD5
0016
03EC16
03ED16
03EE16
03EF16
03F016
Pull-up Control Register 0
PUR0
0016
03F116
Pull-up Control Register 1
PUR1
XXXX 00002
03F216
03F316
03F416
03F516
03F616
03F716
03F816
03F916
03FA16
03FB16
03FC16
03FD16
03FE16
03FF16
Port Control Register
PCR
XXXX XXX02
X: Indeterminate
Blank spaces are reserved. No access is allowed.
NOTE:
1. Pins, functioning as bus control pins, cannot be selected as I/O ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com