Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32C80 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # 32C80
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C80 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button 32C80 Datasheet HTML 26Page - Renesas Technology Corp 32C80 Datasheet HTML 27Page - Renesas Technology Corp 32C80 Datasheet HTML 28Page - Renesas Technology Corp 32C80 Datasheet HTML 29Page - Renesas Technology Corp 32C80 Datasheet HTML 30Page - Renesas Technology Corp 32C80 Datasheet HTML 31Page - Renesas Technology Corp 32C80 Datasheet HTML 32Page - Renesas Technology Corp 32C80 Datasheet HTML 33Page - Renesas Technology Corp 32C80 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
Page 30
6
5
f
o
5
0
0
2
,
1
0
.
v
o
N
0
1
.
1
.
v
e
R
0
1
1
0
-
8
3
0
0
B
3
0
J
E
R
5. Electrical Characteristics
p
u
o
r
G
0
8
/
C
2
3
M
5. Electrical Characteristics
Table 5.1 Absolute Maximum Ratings
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
o
i
t
i
d
n
o
Ce
u
l
a
Vt
i
n
U
V
1
C
C
V
,
2
C
C
e
g
a
t
l
o
V
y
l
p
p
u
SV
1
C
C
V
A
=
C
C
0
.
6
o
t
3
.
0
-
V
V
2
C
C
e
g
a
t
l
o
V
y
l
p
p
u
S-
V
o
t
3
.
0
-
1
C
C
V
V
A
C
C
e
g
a
t
l
o
V
y
l
p
p
u
S
g
o
l
a
n
AV
1
C
C
V
A
=
C
C
0
.
6
o
t
3
.
0
-
V
VI
e
g
a
t
l
o
V
t
u
p
n
IV
N
C
,
T
E
S
E
R
S
S
6
P
,
E
T
Y
B
,
0
6
P
-
7
7
P
,
2
7
P
-
7
,
8
P 0
8
P
-
7
9
P
,
0
9
P
-
7
0
1
P
,
0
0
1
P
-
7
V
,
F
E
R
X
,
N
I
V
o
t
3
.
0
-
1
C
C
3
.
0
+V
0
P 0
0
P
-
7
1
P
,
0
1
P
-
7
2
P
,
0
2
P
-
7
3
P
,
0
3
P
-
7
,
4
P 0
4
P
-
7
5
P
,
0
5
P
-
7
V
o
t
3
.
0
-
2
C
C
3
.
0
+
7
P 0
7
P
,
1
0
.
6
o
t
3
.
0
-
VO
e
g
a
t
l
o
V
t
u
p
t
u
O6
P 0
6
P
-
7
7
P
,
2
7
P
-
7
8
P
,
0
8
P
-
4
8
P
,
6
8
P
,
7
,
9
P 0
9
P
-
7
0
1
P
,
0
0
1
P
-
7
X
,
T
U
O
V
o
t
3
.
0
-
1
C
C
3
.
0
+V
0
P 0
0
P
-
7
1
P
,
0
1
P
-
7
2
P
,
0
2
P
-
7
3
P
,
0
3
P
-
7
,
4
P 0
4
P
-
7
5
P
,
0
5
P
-
7
V
o
t
3
.
0
-
2
C
C
3
.
0
+
7
P 0
7
P
,
1
0
.
6
o
t
3
.
0
-
d
Pn
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
C
°
5
2
=
r
p
o
T0
0
5W
m
r
p
o
Te
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
g
n
i
t
a
r
e
p
O
/
5
8
o
t
0
2
-
5
8
o
t
0
4
-
)
1
(
C
°
g
t
s
Te
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
0
5
1
o
t
5
6
-C
°
:
E
T
O
N
5
8
o
t
0
4
-
f
o
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
f
i
e
c
i
f
f
o
s
e
l
a
s
r
u
o
t
c
a
t
n
o
C
.
1
.
d
e
r
i
u
q
e
r
s
i
C
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com