Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32C80 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # 32C80
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C80 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button 32C80 Datasheet HTML 8Page - Renesas Technology Corp 32C80 Datasheet HTML 9Page - Renesas Technology Corp 32C80 Datasheet HTML 10Page - Renesas Technology Corp 32C80 Datasheet HTML 11Page - Renesas Technology Corp 32C80 Datasheet HTML 12Page - Renesas Technology Corp 32C80 Datasheet HTML 13Page - Renesas Technology Corp 32C80 Datasheet HTML 14Page - Renesas Technology Corp 32C80 Datasheet HTML 15Page - Renesas Technology Corp 32C80 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
Page 12
6
5
f
o
5
0
0
2
,
1
0
.
v
o
N
0
1
.
1
.
v
e
R
0
1
1
0
-
8
3
0
0
B
3
0
J
E
R
p
u
o
r
G
0
8
/
C
2
3
M
2. Central Processing Unit (CPU)
2. Central Processing Unit (CPU)
Figure 2.1 shows the CPU registers.
The register bank is comprised of 8 registers (R0, R1, R2, R3, A0, A1, SB and FB) out of 28 CPU registers.
Two sets of register banks are provided.
Figure 2.1 CPU Register
b23
R0H
R0L
R1H
R1L
R2
R3
b31
R2
R3
A0
A1
SB
FB
USP
ISP
INTB
PC
High-speed Interrupt Registers
b15
b0
b23
SVF
SVP
VCT
DMAC-associated Registers
b7
b0
b23
DMD0
DCT0
DCT1
b15
DRC0
DRC1
DMA0
DMA1
DMD1
DRA0
DRA1
Data Register(1)
Address Register(1)
Static Base Register(1)
Frame Base Register(1)
User Stack Pointer
Interrupt Stack Pointer
Interrupt Table Register
Program Counter
Flag Save Register
PC Save Register
Vector Register
DMA Mode Register
DMA Transfer Count Register
DMA Transfer Count Reload Register
DMA Memory Address Register
DMA SFR Address Register
DMA Memory Address Reload Register
NOTE:
1. The register bank is comprised of these registers. Two sets of register banks are provided.
General Registers
b15
b0
b15
b0
Carry Flag
Debug Flag
Zero Flag
Sign Flag
Register Bank Select Flag
Overflow Flag
Interrupt Enable Flag
Stack Pointer Select Flag
Reserved Space
Processor Interrupt Priority Level
Reserved Space
FLG
Flag Register
IPL
U I O B S Z D C
b7
b8
DSA0
DSA1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com