Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32C80 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # 32C80
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C80 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button 32C80 Datasheet HTML 20Page - Renesas Technology Corp 32C80 Datasheet HTML 21Page - Renesas Technology Corp 32C80 Datasheet HTML 22Page - Renesas Technology Corp 32C80 Datasheet HTML 23Page - Renesas Technology Corp 32C80 Datasheet HTML 24Page - Renesas Technology Corp 32C80 Datasheet HTML 25Page - Renesas Technology Corp 32C80 Datasheet HTML 26Page - Renesas Technology Corp 32C80 Datasheet HTML 27Page - Renesas Technology Corp 32C80 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
Page 24
4. Special Function Registers (SFRs)
6
5
f
o
5
0
0
2
,
1
0
.
v
o
N
0
1
.
1
.
v
e
R
0
1
1
0
-
8
3
0
0
B
3
0
J
E
R
p
u
o
r
G
0
8
/
C
2
3
M
Address
Register
Symbol
Value after RESET
02E016
X/Y Control Register
XYC
XXXX XX002
02E116
02E216
02E316
02E416
UART1 Special Mode Register 4
U1SMR4
0016
02E516
UART1 Special Mode Register 3
U1SMR3
0016
02E616
UART1 Special Mode Register 2
U1SMR2
0016
02E716
UART1 Special Mode Register
U1SMR
0016
02E816
UART1 Transmit/Receive Mode Register
U1MR
0016
02E916
UART1 Bit Rate Register
U1BRG
XX16
02EA16
XX16
UART1 Transmit Buffer Register
U1TB
02EB16
XX16
02EC16
UART1 Transmit/Receive Control Register 0
U1C0
0000 10002
02ED16
UART1 Transmit/Receive Control Register 1
U1C1
0000 00102
02EE16
XX16
UART1 Receive Buffer Register
U1RB
02EF16
XX16
02F016
02F116
02F216
02F316
02F416
UART4 Special Mode Register 4
U4SMR4
0016
02F516
UART4 Special Mode Register 3
U4SMR3
0016
02F616
UART4 Special Mode Register 2
U4SMR2
0016
02F716
UART4 Special Mode Register
U4SMR
0016
02F816
UART4 Transmit/Receive Mode Register
U4MR
0016
02F916
UART4 Bit Rate Register
U4BRG
XX16
02FA16
XX16
UART4 Transmit Buffer Register
U4TB
02FB16
XX16
02FC16
UART4 Transmit/Receive Control Register 0
U4C0
0000 10002
02FD16
UART4 Transmit/Receive Control Register 1
U4C1
0000 00102
02FE16
XX16
UART4 Receive Buffer Register
U4RB
02FF16
XX16
030016
Timer B3, B4, B5 Count Start Flag
TBSR
000X XXXX2
030116
030216
XX16
Timer A1-1 Register
TA11
030316
XX16
030416
XX16
Timer A2-1 Register
TA21
030516
XX16
030616
XX16
Timer A4-1 Register
TA41
030716
XX16
030816
Three-Phase PWM Control Register 0
INVC0
0016
030916
Three-Phase PWM Control Register 1
INVC1
0016
030A16
Three-Phase Output Buffer Register 0
IDB0
XX11 11112
030B16
Three-Phase Output Buffer Register 1
IDB1
XX11 11112
030C16
Dead Time Timer
DTT
XX16
030D16
Timer B2 Interrupt Generation Frequency Set Counter
ICTB2
XX16
030E16
030F16
X: Indeterminate
Blank spaces are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com