Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32C80 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # 32C80
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C80 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button 32C80 Datasheet HTML 23Page - Renesas Technology Corp 32C80 Datasheet HTML 24Page - Renesas Technology Corp 32C80 Datasheet HTML 25Page - Renesas Technology Corp 32C80 Datasheet HTML 26Page - Renesas Technology Corp 32C80 Datasheet HTML 27Page - Renesas Technology Corp 32C80 Datasheet HTML 28Page - Renesas Technology Corp 32C80 Datasheet HTML 29Page - Renesas Technology Corp 32C80 Datasheet HTML 30Page - Renesas Technology Corp 32C80 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
Page 27
4. Special Function Registers (SFRs)
6
5
f
o
5
0
0
2
,
1
0
.
v
o
N
0
1
.
1
.
v
e
R
0
1
1
0
-
8
3
0
0
B
3
0
J
E
R
p
u
o
r
G
0
8
/
C
2
3
M
Address
Register
Symbol
Value after RESET
037016
037116
037216
037316
037416
037516
037616
037716
037816
DMA0 Request Source Select Register
DM0SL
0X00 00002
037916
DMA1 Request Source Select Register
DM1SL
0X00 00002
037A16
DMA2 Request Source Select Register
DM2SL
0X00 00002
037B16
DMA3 Request Source Select Register
DM3SL
0X00 00002
037C16
XX16
CRC Data Register
CRCD
037D16
XX16
037E16
CRC Input Register
CRCIN
XX16
037F16
038016
XXXX XXXX2
A/D0 Register 0
AD00
038116
0000 00002
038216
XX16
A/D0 Register 1
AD01
038316
XX16
038416
XX16
A/D0 Register 2
AD02
038516
XX16
038616
XX16
A/D0 Register 3
AD03
038716
XX16
038816
XX16
A/D0 Register 4
AD04
038916
XX16
038A16
XX16
A/D0 Register 5
AD05
038B16
XX16
038C16
XX16
A/D0 Register 6
AD06
038D16
XX16
038E16
XX16
A/D0 Register 7
AD07
038F16
XX16
039016
039116
039216
039316
039416
A/D0 Control Register 2
AD0CON2
XX0X XXX02
039516
A/D0 Control Register 3
AD0CON3
XXXX X0002
039616
A/D0 Control Register 0
AD0CON0
0016
039716
A/D0 Control Register 1
AD0CON1
0016
039816
D/A Register 0
DA0
XX16
039916
039A16
D/A Register 1
DA1
XX16
039B16
039C16
D/A Control Register
DACON
XXXX XX002
039D16
039E16
039F16
X: Indeterminate
Blank spaces are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com