Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32C80 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # 32C80
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C80 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button 32C80 Datasheet HTML 22Page - Renesas Technology Corp 32C80 Datasheet HTML 23Page - Renesas Technology Corp 32C80 Datasheet HTML 24Page - Renesas Technology Corp 32C80 Datasheet HTML 25Page - Renesas Technology Corp 32C80 Datasheet HTML 26Page - Renesas Technology Corp 32C80 Datasheet HTML 27Page - Renesas Technology Corp 32C80 Datasheet HTML 28Page - Renesas Technology Corp 32C80 Datasheet HTML 29Page - Renesas Technology Corp 32C80 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
Page 26
4. Special Function Registers (SFRs)
6
5
f
o
5
0
0
2
,
1
0
.
v
o
N
0
1
.
1
.
v
e
R
0
1
1
0
-
8
3
0
0
B
3
0
J
E
R
p
u
o
r
G
0
8
/
C
2
3
M
X: Indeterminate
Blank spaces are reserved. No access is allowed.
NOTE:
1. The TCSPR register maintains values set before reset, even after software reset or watchdog timer reset has
been performed.
Address
Register
Symbol
Value after RESET
034016
Count Start Flag
TABSR
0016
034116
Clock Prescaler Reset Flag
CPSRF
0XXX XXXX2
034216
One-Shot Start Flag
ONSF
0016
034316
Trigger Select Register
TRGSR
0016
034416
Up/Down Flag
UDF
0016
034516
034616
XX16
Timer A0 Register
TA0
034716
XX16
034816
XX16
Timer A1 Register
TA1
034916
XX16
034A16
XX16
Timer A2 Register
TA2
034B16
XX16
034C16
XX16
Timer A3 Register
TA3
034D16
XX16
034E16
XX16
Timer A4 Register
TA4
034F16
XX16
035016
XX16
Timer B0 Register
TB0
035116
XX16
035216
XX16
Timer B1 Register
TB1
035316
XX16
035416
XX16
Timer B2 Register
TB2
035516
XX16
035616
Timer A0 Mode Register
TA0MR
0016
035716
Timer A1 Mode Register
TA1MR
0016
035816
Timer A2 Mode Register
TA2MR
0016
035916
Timer A3 Mode Register
TA3MR
0016
035A16
Timer A4 Mode Register
TA4MR
0016
035B16
Timer B0 Mode Register
TB0MR
00XX 00002
035C16
Timer B1 Mode Register
TB1MR
00XX 00002
035D16
Timer B2 Mode Register
TB2MR
00XX 00002
035E16
Timer B2 Special Mode Register
TB2SC
XXXX XXX02
035F16
Count Source Prescaler Register(1)
TCSPR
0XXX 00002
036016
036116
036216
036316
036416
UART0 Special Mode Register 4
U0SMR4
0016
036516
UART0 Special Mode Register 3
U0SMR3
0016
036616
UART0 Special Mode Register 2
U0SMR2
0016
036716
UART0 Special Mode Register
U0SMR
0016
036816
UART0 Transmit/Receive Mode Register
U0MR
0016
036916
UART0 Bit Rate Register
U0BRG
XX16
036A16
XX16
UART0 Transmit Buffer Register
U0TB
036B16
XX16
036C16
UART0 Transmit/Receive Control Register 0
U0C0
0000 10002
036D16
UART0 Transmit/Receive Control Register 1
U0C1
0000 00102
036E16
XX16
UART0 Receive Buffer Register
U0RB
036F16
XX16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com