Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32C80 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # 32C80
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C80 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button 32C80 Datasheet HTML 11Page - Renesas Technology Corp 32C80 Datasheet HTML 12Page - Renesas Technology Corp 32C80 Datasheet HTML 13Page - Renesas Technology Corp 32C80 Datasheet HTML 14Page - Renesas Technology Corp 32C80 Datasheet HTML 15Page - Renesas Technology Corp 32C80 Datasheet HTML 16Page - Renesas Technology Corp 32C80 Datasheet HTML 17Page - Renesas Technology Corp 32C80 Datasheet HTML 18Page - Renesas Technology Corp 32C80 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
Page 15
3. Memory
6
5
f
o
5
0
0
2
,
1
0
.
v
o
N
0
1
.
1
.
v
e
R
0
1
1
0
-
8
3
0
0
B
3
0
J
E
R
p
u
o
r
G
0
8
/
C
2
3
M
3. Memory
Figure 3.1 shows a memory map of the M32C/80 Group.
The M32C/80 Group provides 16-Mbyte address space addressed from 00000016 to FFFFFF16.
The fixed interrupt vectors are allocated from address FFFFDC16 to FFFFFF16. It stores the starting ad-
dress of each interrupt routine.
The internal RAM is allocated from address 00040016 to higher. For example, a 8-Kbyte internal RAM is
allocated from address 00040016 to 0023FF16. Besides storing data, it becomes stacks when the subrou-
tine is called or an interrupt is acknowledged.
SFRs, consisting of control registers for peripheral functions such as I/O port, A/D converter, serial I/O,
timers, is allocated from address 00000016 to 0003FF16. All blank spaces within SFRs are reserved and
cannot be accessed by users.
The special page vector table is addressed from FFFE0016 to FFFFDB16. It is used for the JMPS instruc-
tion and JSRS instruction. Refer to the Renesas publication M32C/80 Series Software Manual for details.
In microprocessor mode, some spaces are reserved and cannot be accessed by users.
SFRs
Internal RAM
Reserved Space
External Space
BRK Instruction
Overflow
Undefined Instruction
FFFFFF16
NMI
00000016
00040016
0023FF16
01000016
FFFFFF16
Special Page
Vector Table
Address Match
Watchdog Timer(1)
Reset
NOTE:
1. Watchdog timer interrupt and oscillation stop detection interrupt share vectors.
FFFFDC16
FFFE0016
Figure 3.1 Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com