Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32C80 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # 32C80
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C80 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button 32C80 Datasheet HTML 24Page - Renesas Technology Corp 32C80 Datasheet HTML 25Page - Renesas Technology Corp 32C80 Datasheet HTML 26Page - Renesas Technology Corp 32C80 Datasheet HTML 27Page - Renesas Technology Corp 32C80 Datasheet HTML 28Page - Renesas Technology Corp 32C80 Datasheet HTML 29Page - Renesas Technology Corp 32C80 Datasheet HTML 30Page - Renesas Technology Corp 32C80 Datasheet HTML 31Page - Renesas Technology Corp 32C80 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
Page 28
4. Special Function Registers (SFRs)
6
5
f
o
5
0
0
2
,
1
0
.
v
o
N
0
1
.
1
.
v
e
R
0
1
1
0
-
8
3
0
0
B
3
0
J
E
R
p
u
o
r
G
0
8
/
C
2
3
M
Address
Register
Symbol
Value after RESET
03A016
03A116
03A216
03A316
03A416
03A516
03A616
03A716
Function Select Register D1
PSD1
X0XX XX002
03A816
03A916
03AA16
03AB16
03AC16
03AD16
Function Select Register C3
PSC3
X0XX XXXX2
03AE16
03AF16
Function Select Register C
PSC
00X0 00002
03B016
Function Select Register A0
PS0
0016
03B116
Function Select Register A1
PS1
0016
03B216
Function Select Register B0
PSL0
0016
03B316
Function Select Register B1
PSL1
0016
03B416
Function Select Register A2
PS2
00X0 00002
03B516
Function Select Register A3
PS3
0016
03B616
Function Select Register B2
PSL2
00X0 00002
03B716
Function Select Register B3
PSL3
0016
03B816
03B916
03BA16
03BB16
03BC16
03BD16
03BE16
03BF16
03C016
Port P6 Register
P6
XX16
03C116
Port P7 Register
P7
XX16
03C216
Port P6 Direction Register
PD6
0016
03C316
Port P7 Direction Register
PD7
0016
03C416
Port P8 Register
P8
XX16
03C516
Port P9 Register
P9
XX16
03C616
Port P8 Direction Register
PD8
00X0 00002
03C716
Port P9 Direction Register
PD9
0016
03C816
Port P10 Register
P10
XX16
03C916
03CA16
Port P10 Direction Register
PD10
0016
03CB16
03CC16
03CD16
03CE16
03CF16
X: Indeterminate
Blank spaces are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com