Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32C80 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # 32C80
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C80 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button 32C80 Datasheet HTML 12Page - Renesas Technology Corp 32C80 Datasheet HTML 13Page - Renesas Technology Corp 32C80 Datasheet HTML 14Page - Renesas Technology Corp 32C80 Datasheet HTML 15Page - Renesas Technology Corp 32C80 Datasheet HTML 16Page - Renesas Technology Corp 32C80 Datasheet HTML 17Page - Renesas Technology Corp 32C80 Datasheet HTML 18Page - Renesas Technology Corp 32C80 Datasheet HTML 19Page - Renesas Technology Corp 32C80 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
Page 16
4. Special Function Registers (SFRs)
6
5
f
o
5
0
0
2
,
1
0
.
v
o
N
0
1
.
1
.
v
e
R
0
1
1
0
-
8
3
0
0
B
3
0
J
E
R
p
u
o
r
G
0
8
/
C
2
3
M
Address
Register
Symbol
Value after RESET
000016
000116
000216
000316
000416
Processor Mode Register(1)
PM0
0000 00112(CNVss pin ="H")
000516
Processor Mode Register 1
PM1
0016
000616
System Clock Control Register 0
CM0
0000 10002
000716
System Clock Control Register 1
CM1
0010 00002
000816
000916
Address Match Interrupt Enable Register
AIER
0016
000A16
Protect Register
PRCR
XXXX 00002
XXXX 10002(BYTE pin ="L")
000B16
External Data Bus Width Control Register
DS
XXXX 00002(BYTE pin ="H")
000C16
Main Clock Division Register
MCD
XXX0 10002
000D16
Oscillation Stop Detection Register
CM2
0016
000E16
Watchdog Timer Start Register
WDTS
XX16
000F16
Watchdog Timer Control Register
WDC
000X XXXX2
001016
001116
Address Match Interrupt Register 0
RMAD0
00000016
001216
001316
Processor Mode Register 2
PM2
0016
001416
001516
Address Match Interrupt Register 1
RMAD1
00000016
001616
001716
001816
001916
Address Match Interrupt Register 2
RMAD2
00000016
001A16
001B16
001C16
001D16
Address Match Interrupt Register 3
RMAD3
00000016
001E16
001F16
002016
002116
002216
002316
002416
002516
002616
PLL Control Register 0
PLC0
0001 X0102
002716
PLL Control Register 1
PLC1
000X 00002
002816
002916
Address Match Interrupt Register 4
RMAD4
00000016
002A16
002B16
002C16
002D16
Address Match Interrupt Register 5
RMAD5
00000016
002E16
002F16
X: Indeterminate
Blank spaces are reserved. No access is allowed.
NOTE:
1. The PM01 and PM00 bits in the PM0 register maintain values set before reset, even after software reset or watch-
dog timer reset has been performed.
4. Special Function Registers (SFRs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com