Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32C80 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # 32C80
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C80 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button 32C80 Datasheet HTML 15Page - Renesas Technology Corp 32C80 Datasheet HTML 16Page - Renesas Technology Corp 32C80 Datasheet HTML 17Page - Renesas Technology Corp 32C80 Datasheet HTML 18Page - Renesas Technology Corp 32C80 Datasheet HTML 19Page - Renesas Technology Corp 32C80 Datasheet HTML 20Page - Renesas Technology Corp 32C80 Datasheet HTML 21Page - Renesas Technology Corp 32C80 Datasheet HTML 22Page - Renesas Technology Corp 32C80 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
Page 19
4. Special Function Registers (SFRs)
6
5
f
o
5
0
0
2
,
1
0
.
v
o
N
0
1
.
1
.
v
e
R
0
1
1
0
-
8
3
0
0
B
3
0
J
E
R
p
u
o
r
G
0
8
/
C
2
3
M
Address
Register
Symbol
Value after RESET
009016
UART0 Transmit /NACK Interrupt Control Register
S0TIC
XXXX X0002
009116
UART1/UART4 Bus Conflict Detect Interrupt Control Register
BCN1IC/BCN4IC
XXXX X0002
009216
UART1 Transmit/NACK Interrupt Control Register
S1TIC
XXXX X0002
009316
Key Input Interrupt Control Register
KUPIC
XXXX X0002
009416
Timer B0 Interrupt Control Register
TB0IC
XXXX X0002
009516
Intelligent I/O Interrupt Control Register 1
IIO1IC
XXXX X0002
009616
Timer B2 Interrupt Control Register
TB2IC
XXXX X0002
009716
Intelligent I/O Interrupt Control Register 3
IIO3IC
XXXX X0002
009816
Timer B4 Interrupt Control Register
TB4IC
XXXX X0002
009916
009A16
INT4 Interrupt Control Register
INT4IC
XX00 X0002
009B16
009C16
INT2 Interrupt Control Register
INT2IC
XX00 X0002
009D16
009E16
INT0 Interrupt Control Register
INT0IC
XX00 X0002
009F16
Exit Priority Control Register
RLVL
XXXX 00002
00A016
Interrupt Request Register 0
IIO0IR
0000 000X2
00A116
Interrupt Request Register 1
IIO1IR
0000 000X2
00A216
Interrupt Request Register 2
IIO2IR
0000 000X2
00A316
Interrupt Request Register 3
IIO3IR
0000 000X2
00A416
Interrupt Request Register 4
IIO4IR
0000 000X2
00A516
00A616
00A716
00A816
00A916
00AA16
00AB16
00AC16
00AD16
00AE16
00AF16
00B016
Interrupt Enable Register 0
IIO0IE
0016
00B116
Interrupt Enable Register 1
IIO1IE
0016
00B216
Interrupt Enable Register 2
IIO2IE
0016
00B316
Interrupt Enable Register 3
IIO3IE
0016
00B416
Interrupt Enable Register 4
IIO4IE
0016
00B516
00B616
00B716
00B816
00B916
00BA16
00BB16
00BC16
00BD16
00BE16
00BF16
X: Indeterminate
Blank spaces are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com