Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32C80 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 32C80
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C80 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 32C80 Datasheet HTML 7Page - Renesas Technology Corp 32C80 Datasheet HTML 8Page - Renesas Technology Corp 32C80 Datasheet HTML 9Page - Renesas Technology Corp 32C80 Datasheet HTML 10Page - Renesas Technology Corp 32C80 Datasheet HTML 11Page - Renesas Technology Corp 32C80 Datasheet HTML 12Page - Renesas Technology Corp 32C80 Datasheet HTML 13Page - Renesas Technology Corp 32C80 Datasheet HTML 14Page - Renesas Technology Corp 32C80 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
6
5
f
o
5
0
0
2
,
1
0
.
v
o
N
0
1
.
1
.
v
e
R
0
1
1
0
-
8
3
0
0
B
3
0
J
E
R
1. Overview
page 11
p
u
o
r
G
0
8
/
C
2
3
M
VREF
AN0 to AN7
___________
ADTRG
ANEX0
ANEX1
DA0, DA1
ISCLK0
ISCLK1
ISTxD0
ISTxD1
ISRxD0
ISRxD1
P00 to P07(1)
P10 to P17(2)
P20 to P27(1)
P30 to P37(1)
P40 to P47(1)
P50 to P57(1)
P60 to P67
P70 to P77
P90 to P97
P100 to P107
P80 to P84,
P86, P87
P85
Reference
voltage input
A/D converter
D/A converter
Intelligent I/O
communication
function
I/O port
-
VCC1
VCC1
VCC1
VCC1
VCC1
VCC1
VCC1
VCC1
VCC2
VCC1
VCC1
VCC1
Applies reference voltage for the A/D converter and D/A converter
Analog input pins for the A/D converter
Input pin for an external A/D trigger
Extended analog input pin for the A/D converter and output pin in
external op-amp connection mode
Extended analog input pin for the A/D converter
Output pin for the D/A converter
Inputs and outputs clock for the intelligent I/O communication
fucntion
Outputs data for the intelligent I/O communication fucntion
Inputs data for the intelligent I/O communication fucntion
I/O ports fro CMOS. Each port can be programmed for nput or
output under the control of the direction register. An input port
can be set, by program, for a pull-up resistor available or for no
pull-up resistor available in 4-bit units
I/O ports having equivalent functions to P0
(P70 and P71 are ports for the N-channel open drain output.)
I/O ports having equivalent functions to P0
_______
_______
Shares a pin with NMI. NMI input state can be got by reading P85
I
I
I
I/O
I
O
I/O
O
I
I/O
I/O
I/O
I
Supply
Signal name
Pin name
I/O type
Description
voltage
Table 1.5 Pin Description (Continued)
I: Input
O: Output
I/O: Input and output
NOTES:
1. Ports P0 to P5 function as bus control pins when using memory expansion mode or microprocessor mode. They
cannot be used as I/O ports.
2. Port P1 functions as I/O port when the microcomputer is placed in memory expansion mode or microprocessor
mode and all external data buses are selected as 8-bit buses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com