Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38039G4HKP Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # M38039G4HKP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38039G4HKP Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button M38039G4HKP Datasheet HTML 30Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 31Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 32Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 33Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 34Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 35Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 36Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 37Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 92 page
background image
Rev.1.10
Nov 14, 2005
Page 34 of 91
REJ03B0166-0110
3803 Group (Spec.H QzROM version)
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
• 16-bit Timer
The timer Z is a 16-bit timer. When the timer reaches “000016”,
a n unde rflow occurs at th e next count pulse and the
corresponding timer latch is reloaded into the timer and the count
is continued. When the timer underflows, the interrupt request bit
corresponding to the timer Z is set to “1”.
When reading/writing to the timer Z, perform reading/writing to
both the high-order byte and the low-order byte. When reading
the timer Z, read from the high-order byte first, followed by the
low-order byte. Do not perform the writing to the timer Z
between read operation of the high-order byte and read operation
of the low-order byte. When writing to the timer Z, write to the
low-order byte first, followed by the high-order byte. Do not
perform the reading to the timer Z between write operation of the
low-order byte and write operation of the high-order byte.
The timer Z can select the count source by the timer Z count
source selection bits of timer Y, Z count source selection register
(bits 7 to 4 at address 000F16).
Timer Z can select one of seven operating modes by setting the
timer Z mode register (address 002A16).
(1) Timer mode
• Mode selection
This mode can be selected by setting “000” to the timer Z
operating mode bits (bits 2 to 0) and setting “0” to the
timer/event counter mode switch bit (b7) of the timer Z mode
register (address 002A16).
• Count source selection
In high- or middle-speed mode, 1/2, 1/4, 1/8, 1/16, 1/32, 1/64,
1/128, 1/256, 1/512 or 1/1024 of f(XIN); or f(XCIN) can be
selected as the count source.
In low-speed mode, 1/2, 1/4, 1/8, 1/16, 1/32, 1/64, 1/128, 1/256,
1/512 or 1/1024 of f(XCIN); or f(XCIN) can be selected as the
count source.
• Interrupt
When an underflow occurs, the INT0/timer Z interrupt request bit
(bit 0) of the interrupt request register 1 (address 003C16) is set to
“1”.
• Explanation of operation
During timer stop, usually write data to a latch and a timer at the
same time to set the timer value.
The timer count operation is started by setting “0” to the timer Z
count stop bit (bit 6) of the timer Z mode register (address
002A16).
When the timer reaches “000016”, an underflow occurs at the
next count pulse and the contents of timer latch are reloaded into
the timer and the count is continued.
When writing data to the timer during operation, the data is
written only into the latch. Then the new latch value is reloaded
into the timer at the next underflow.
(2) Event counter mode
• Mode selection
This mode can be selected by setting “000” to the timer Z
operating mode bits (bits 2 to 0) and setting “1” to the
timer/event counter mode switch bit (bit 7) of the timer Z mode
register (address 002A16).
The valid edge for the count operation depends on the CNTR2
active edge switch bit (bit 5) of the timer Z mode register
(address 002A16). When it is “0”, the rising edge is valid. When
it is “1”, the falling edge is valid.
• Interrupt
The interrupt at an underflow is the same as the timer mode’s.
• Explanation of operation
The operation is the same as the timer mode’s.
Set the double-function port of CNTR2 pin and port P47 to input
in this mode.
Figure.26 shows the timing chart of the timer/event counter
mode.
(3) Pulse output mode
• Mode selection
This mode can be selected by setting “001” to the timer Z
operating mode bits (bits 2 to 0) and setting “0” to the
timer/event counter mode switch bit (b7) of the timer Z mode
register (address 002A16).
• Count source selection
In high- or middle-speed mode, 1/2, 1/4, 1/8, 1/16, 1/32, 1/64,
1/128, 1/256, 1/512 or 1/1024 of f(XIN); or f(XCIN) can be
selected as the count source.
In low-speed mode, 1/2, 1/4, 1/8, 1/16, 1/32, 1/64, 1/128, 1/256,
1/512 or 1/1024 of f(XCIN); or f(XCIN) can be selected as the
count source.
• Interrupt
The interrupt at an underflow is the same as the timer mode’s.
• Explanation of operation
The operation is the same as the timer mode’s. Moreover the
pulse which is inverted each time the timer underflows is output
from CNTR2 pin. When the CNTR2 active edge switch bit (bit 5)
of the timer Z mode register (address 002A16) is “0”, the output
starts with “H” level. When it is “1”, the output starts with “L”
level.
• Precautions
The double-function port of CNTR2 pin and port P47 is
automatically set to the timer pulse output port in this mode.
The output from CNTR2 pin is initialized to the level depending
on CNTR2 active edge switch bit by writing to the timer.
When the value of the CNTR2 active edge switch bit is changed,
the output level of CNTR2 pin is inverted.
Figure.27 shows the timing chart of the pulse output mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com