Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38039G4HKP Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # M38039G4HKP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38039G4HKP Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button M38039G4HKP Datasheet HTML 22Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 23Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 24Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 25Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 26Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 27Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 28Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 29Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 92 page
background image
Rev.1.10
Nov 14, 2005
Page 26 of 91
REJ03B0166-0110
3803 Group (Spec.H QzROM version)
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
NOTES:
1. Vector addresses contain interrupt jump destination addresses.
2. Reset function in the same way as an interrupt with the highest priority.
Table 9
Interrupt vector addresses and priority
Interrupt Source
Priority
Vector
Addresses(1)
Interrupt Request Generating
Conditions
Remarks
High
Low
Reset(2)
1FFFD16
FFFC16
At reset
Non-maskable
INT0
2FFFB16
FFFA16
At detection of either rising or falling
edge of INT0 input
External interrupt
(active edge selectable)
Timer Z
At timer Z underflow
INT1
3
FFF916
FFF816
At detection of either rising or falling
edge of INT1 input
External interrupt
(active edge selectable)
Serial I/O1 reception
4
FFF716
FFF616
At completion of serial I/O1 data
reception
Valid when serial I/O1 is selected
Serial I/O1
transmission
5
FFF516
FFF416
At completion of serial I/O1
transmission shift or when
transmission buffer is empty
Valid when serial I/O1 is selected
Timer X
6
FFF316
FFF216
At timer X underflow
Timer Y
7
FFF116
FFF016
At timer Y underflow
Timer 1
8
FFEF16
FFEE16
At timer 1 underflow
STP release timer underflow
Timer 2
9
FFED16
FFEC16
At timer 2 underflow
CNTR0
10
FFEB16
FFEA16
At detection of either rising or falling
edge of CNTR0 input
External interrupt
(active edge selectable)
CNTR1
11
FFE916
FFE816
At detection of either rising or falling
edge of CNTR1 input
External interrupt
(active edge selectable)
Serial I/O3 reception
At completion of serial I/O3 data
reception
Valid when serial I/O3 is selected
Serial I/O2
12
FFE716
FFE616
At completion of serial I/O2 data
transmission or reception
Valid when serial I/O2 is selected
Timer Z
At timer Z underflow
INT2
13
FFE516
FFE416
At detection of either rising or falling
edge of INT2 input
External interrupt
(active edge selectable)
INT3
14
FFE316
FFE216
At detection of either rising or falling
edge of INT3 input
External interrupt
(active edge selectable)
INT4
15
FFE116
FFE016
At detection of either rising or falling
edge of INT4 input
External interrupt
(active edge selectable)
CNTR2
At detection of either rising or falling
edge of CNTR2 input
External interrupt
(active edge selectable)
A/D converter
16
FFDF16
FFDE16
At completion of A/D conversion
Serial I/O3
transmission
At completion of serial I/O3
transmission shift or when
transmission buffer is empty
Valid when serial I/O3 is selected
BRK instruction
17
FFDD16
FFDC16 At BRK instruction execution
Non-maskable software interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com