Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38039G4HKP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M38039G4HKP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38039G4HKP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M38039G4HKP Datasheet HTML 1Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 2Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 3Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 4Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 5Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 6Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 7Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 8Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
Rev.1.10
Nov 14, 2005
Page 1 of 91
REJ03B0166-0110
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
DESCRIPTION
The 3803 group (Spec.H QzROM version) is the 8-bit
microcomputer based on the 740 family core technology.
The 3803 group (Spec.H QzROM version) is designed for
household products, office automation equipment, and
controlling systems that require analog signal processing,
including the serial interface functions, 8/16-bit timer, A/D
converter and D/A converter.
FEATURES
• Basic machine-language instructions ................................. 71
• Minimum instruction execution time .......................... 0.24
µs
(at 16.8 MHz oscillation frequency)
• Memory size
QzROM .................................................... 16 K to 48 K bytes
RAM ..................................................................... 2048 bytes
• Programmable input/output ports ....................................... 56
• Software pull-up resistors ............................................ Built-in
• Interrupts .............................................. 21 sources, 16 vectors
(external 8, internal 12, software 1)
• Timers ...................................................................... 16-bit × 1
8-bit × 4
(with 8-bit prescaler)
• Serial interface ......... 8-bit × 2 (UART or Clock-synchronized)
8-bit × 1 (Clock-synchronized)
• PWM ....................................... 8-bit × 1 (with 8-bit prescaler)
• A/D converter ........................................ 10-bit × 16 channels
(8-bit reading enabled)
• D/A converter ............................................ 8-bit × 2 channels
• Watchdog timer ....................................................... 16-bit × 1
• LED direct drive port..............................................................8
• Clock generating circuit ............................. Built-in 2 circuits
(connect to external ceramic resonator or quartz-crystal oscillator)
• Power source voltage
[In high-speed mode]
At 16.8 MHz oscillation frequency .................... 4.5 to 5.5 V
At 12.5 MHz oscillation frequency .................... 4.0 to 5.5 V
At 8.4 MHz oscillation frequency ...................... 2.7 to 5.5 V
At 4.2 MHz oscillation frequency ...................... 2.2 to 5.5 V
At 2.1 MHz oscillation frequency ...................... 2.0 to 5.5 V
[In middle-speed mode]
At 16.8 MHz oscillation frequency .................... 4.5 to 5.5 V
At 12.5 MHz oscillation frequency .................... 2.7 to 5.5 V
At 8.4 MHz oscillation frequency ...................... 2.2 to 5.5 V
At 6.3 MHz oscillation frequency ...................... 1.8 to 5.5 V
[In low-speed mode]
At 32 kHz oscillation frequency......................... 1.8 to 5.5 V
• Power dissipation
In high-speed mode ........................................... 40 mW (typ.)
(at 16.8 MHz oscillation frequency, at 5 V power source voltage)
In low-speed mode ............................................ 45
µW (typ.)
(at 32 kHz oscillation frequency, at 3 V power source voltage)
• Operating temperature range .............................
−20 to 85 °C
• Packages
SP............................. PRDP0064BA-A (64-pin 750 mil SDIP)
HP .................... PLQP0064KB-A (64-pin 10 × 10 mm LQFP)
KP .................... PLQP0064GA-A (64-pin 14 × 14 mm LQFP)
APPLICATION
Household products, Consumer electronics, etc.
3803 Group (Spec.H QzROM version)
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
REJ03B0166-0110
Rev.1.10
Nov 14, 2005


Similar Part No. - M38039G4HKP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38039F1-XXXHP RENESAS-M38039F1-XXXHP Datasheet
1Mb / 119P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38039F1-XXXHP RENESAS-M38039F1-XXXHP Datasheet
2Mb / 119P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38039F1-XXXKP RENESAS-M38039F1-XXXKP Datasheet
1Mb / 119P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38039F1-XXXKP RENESAS-M38039F1-XXXKP Datasheet
2Mb / 119P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38039F1-XXXSP RENESAS-M38039F1-XXXSP Datasheet
1Mb / 119P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38039G4HKP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com