Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38039G4HKP Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # M38039G4HKP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38039G4HKP Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button M38039G4HKP Datasheet HTML 69Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 70Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 71Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 72Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 73Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 74Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 75Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 76Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 92 page
background image
Rev.1.10
Nov 14, 2005
Page 73 of 91
REJ03B0166-0110
3803 Group (Spec.H QzROM version)
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
Electrical characteristics
NOTES:
1. P35 is measured when the P35/TXD3 P-channel output disable bit of the UART3 control register (bit 4 of address 003316) is “0”.
P45 is measured when the P45/TXD1 P-channel output disable bit of the UART1 control register (bit 4 of address 001B16) is “0”.
Table 13
Electrical characteristics (1)
(VCC = 1.8 to 5.5 V, VSS = 0V, Ta = –20 to 85 °C, unless otherwise noted)
Symbol
Parameter
Test conditions
Limits
Unit
Min.
Typ.
Max.
VOH
“H” output voltage(1)
P00-P07, P10-P17, P20-P27, P30, P31,
P34-P37, P40-P47, P50-P57, P60-P67
IOH =
−10 mA
VCC = 4.0 to 5.5 V
VCC
− 2.0
V
IOH = –1.0 mA
VCC = 1.8 to 5.5 V
VCC
− 1.0
VOL
“L” output voltage
P00-P07, P10-P17, P20-P27, P30-P37,
P40-P47, P50-P57, P60-P67
IOL = 10 mA
VCC = 4.0 to 5.5 V
2.0
V
IOL = 1.6 mA
VCC = 1.8 to 5.5 V
1.0
VOL
“L” output voltage
P20-P27
IOL = 20 mA
VCC = 4.0 to 5.5 V
2.0
V
IOL = 1.6 mA
VCC = 1.8 to 5.5 V
0.4
VT+
− VT−
Hysteresis
CNTR0, CNTR1, CNTR2, INT0-INT4
0.4
V
VT+
− VT−
Hysteresis
RxD1, SCLK1, SIN2, SCLK2, RxD3, SCLK3
0.5
V
VT+
− VT−
Hysteresis
RESET
0.5
V
IIH
“H” input current
P00-P07, P10-P17, P20-P27, P30-P37,
P40-P47, P50-P57, P60-P67
VI = VCC
(Pin floating,
Pull-up transistor “off”)
5.0
µA
IIH
“H” input current
RESET, CNVSS
VI = VCC
5.0
µA
IIH
“H” input current
XIN
VI = VCC
4.0
µA
IIL
“L” input current
P00-P07, P10-P17, P20-P27, P30-P37,
P40-P47, P50-P57, P60-P67
VI = VCC
(Pin floating,
Pull-up transistor “off”)
−5.0
µA
IIL
“L” input current
RESET, CNVSS
VI = VSS
−5.0
µA
IIL
“L” input current
XIN
VI = VSS
−4.0
µA
IIL
“L” input current (at Pull-up)
P00-P07, P10-P17, P20-P27, P30, P31,
P34-P37, P40-P47, P50-P57, P60-P67
VI = VSS
VCC = 5.0 V
−80
−210
−420
µA
VI = VSS
VCC = 3.0 V
−30
−70
−140
VRAM
RAM hold voltage
When clock stopped
1.8
VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com