Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38039G4HKP Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # M38039G4HKP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38039G4HKP Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button M38039G4HKP Datasheet HTML 60Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 61Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 62Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 63Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 64Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 65Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 66Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 67Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 92 page
background image
Rev.1.10
Nov 14, 2005
Page 64 of 91
REJ03B0166-0110
3803 Group (Spec.H QzROM version)
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
CLOCK GENERATING CIRCUIT
The 3803 group (Spec.H QzROM version) has two built-in
oscillation circuits: main clock XIN-XOUT oscillation circuit and
sub clock XCIN-XCOUT oscillation circuit. An oscillation circuit
can be formed by connecting a resonator between XIN and XOUT
(XCIN and XCOUT). Use the circuit constants in accordance with
the resonator manufacturer’s recommended values. No external
resistor is needed between XIN and XOUT since a feed-back
resistor exists on-chip.(An external feed-back resistor may be
needed depending on conditions.) However, an external feed-
back resistor is needed between XCIN and XCOUT.
Immediately after power on, only the XIN oscillation circuit
starts oscillating, and XCIN and XCOUT pins function as I/O ports.
• Frequency Control
(1) Middle-speed mode
The internal clock
φ is the frequency of XIN divided by 8. After
reset is released, this mode is selected.
(2) High-speed mode
The internal clock
φ is half the frequency of XIN.
(3) Low-speed mode
The internal clock
φ is half the frequency of XCIN.
(4) Low power dissipation mode
The low power consumption operation can be realized by
stopping the main clock XIN in low-speed mode. To stop the
main clock, set bit 5 of the CPU mode register to “1”. When the
main clock XIN is restarted (by setting the main clock stop bit to
“0”), set sufficient time for oscillation to stabilize.
The sub-clock XCIN-XCOUT oscillating circuit can not directly
input clocks that are generated externally. Accordingly, make
sure to cause an external resonator to oscillate.
Oscillation Control
(1) Stop mode
If the STP instruction is executed, the internal clock
φ stops at an
“H” level, and XIN and XCIN oscillators stop. When the
oscillation stabilizing time set after STP instruction released bit
(bit 0 of address 001016) is “0”, the prescaler 12 is set to “FF16”
and timer 1 is set to “0116”. When the oscillation stabilizing time
set after STP instruction released bit is “1”, set the sufficient time
for oscillation of used oscillator to stabilize since nothing is set to
the prescaler 12 and timer 1.
After STP instruction is released, the input of the prescaler 12 is
connected to count source which had set at executing the STP
instruction, and the output of the prescaler 12 is connected to
timer 1. Oscillator restarts when an external interrupt is received,
but the internal clock
φ is not supplied to the CPU (remains at
“H”) until timer 1 underflows. The internal clock
φ is supplied
for the first time, when timer 1 underflows. This ensures time for
the clock oscillation using the ceramic resonators to be
stabilized. When the oscillator is restarted by reset, apply “L”
level to the RESET pin until the oscillation is stable since a wait
time will not be generated.
(2) Wait mode
If the WIT instruction is executed, the internal clock
φ stops at an
“H” level, but the oscillator does not stop. The internal clock
φ
restarts at reset or when an interrupt is received. Since the
oscillator does not stop, normal operation can be started
immediately after the clock is restarted.
To ensure that the interrupts will be received to release the STP
or WIT state, their interrupt enable bits must be set to “1” before
executing of the STP or WIT instruction.
When releasing the STP state, the prescaler 12 and timer 1 will
start counting the clock XIN divided by 16. Accordingly, set the
timer 1 interrupt enable bit to “0” before executing the STP
instruction.
<Notes>
• If you switch the mode between middle/high-speed and low-
speed, stabilize both XIN and XCIN oscillations. The sufficient
time is required for the sub clock to stabilize, especially
immediately after power on and at returning from stop mode.
When switching the mode between middle/high-speed and
low-speed, set the frequency on condition that f(XIN) >
3
×f(XCIN).
• When using the quartz-crystal oscillator of high frequency,
such as 16 MHz etc., it may be necessary to select a specific
oscillator with the specification demanded.
• When using the oscillation stabilizing time set after STP
instruction released bit set to “1”, evaluate time to stabilize
oscillation of the used oscillator and set the value to the timer 1
and prescaler 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com